Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST72361AR6-Auto Datasheet(PDF) 227 Page - STMicroelectronics

Part # ST72361AR6-Auto
Description  Clock, reset and supply management
PDF  279 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72361AR6-Auto Datasheet(HTML) 227 Page - STMicroelectronics

Back Button ST72361AR6-Auto Datasheet HTML 223Page - STMicroelectronics ST72361AR6-Auto Datasheet HTML 224Page - STMicroelectronics ST72361AR6-Auto Datasheet HTML 225Page - STMicroelectronics ST72361AR6-Auto Datasheet HTML 226Page - STMicroelectronics ST72361AR6-Auto Datasheet HTML 227Page - STMicroelectronics ST72361AR6-Auto Datasheet HTML 228Page - STMicroelectronics ST72361AR6-Auto Datasheet HTML 229Page - STMicroelectronics ST72361AR6-Auto Datasheet HTML 230Page - STMicroelectronics ST72361AR6-Auto Datasheet HTML 231Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 227 / 279 page
background image
ST72361xx-Auto
Electrical characteristics
Doc ID 12468 Rev 3
227/279
19
Electrical characteristics
19.1
Parameter conditions
Unless otherwise specified, all voltages are referred to VSS.
19.1.1
Minimum and maximum values
Unless otherwise specified the minimum and maximum values are guaranteed in the worst
conditions of ambient temperature, supply voltage and frequencies by tests in production on
100% of the devices with an ambient temperature at TA = 25°C and TA =TAmax (given by
the selected temperature range).
Data based on characterization results, design simulation and/or technology characteristics
are indicated in the table footnotes and are not tested in production. Based on
characterization, the minimum and maximum values refer to sample tests and represent the
mean value plus or minus three times the standard deviation (mean±3
).
19.1.2
Typical values
Unless otherwise specified, typical data is based on TA =25°C, VDD = 5V (for the
4.5V
 V
DD  5.5V voltage range). They are given only as design guidelines and are not
tested.
Typical ADC accuracy values are determined by characterization of a batch of samples from
a standard diffusion lot over the full temperature range, where 95% of the devices have an
error less than or equal to the value indicated (mean±2
).
19.1.3
Typical curves
Unless otherwise specified, all typical curves are given only as design guidelines and are
not tested.
19.1.4
Loading capacitor
The loading conditions used for pin parameter measurement are shown in Figure 118.
Figure 95.
Pin loading conditions
19.1.5
Pin input voltage
The input voltage measurement on a pin of the device is described in Figure 119.
CL
ST7 PIN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com