Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST72361AR6-Auto Datasheet(PDF) 229 Page - STMicroelectronics

Part # ST72361AR6-Auto
Description  Clock, reset and supply management
PDF  279 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72361AR6-Auto Datasheet(HTML) 229 Page - STMicroelectronics

Back Button ST72361AR6-Auto Datasheet HTML 225Page - STMicroelectronics ST72361AR6-Auto Datasheet HTML 226Page - STMicroelectronics ST72361AR6-Auto Datasheet HTML 227Page - STMicroelectronics ST72361AR6-Auto Datasheet HTML 228Page - STMicroelectronics ST72361AR6-Auto Datasheet HTML 229Page - STMicroelectronics ST72361AR6-Auto Datasheet HTML 230Page - STMicroelectronics ST72361AR6-Auto Datasheet HTML 231Page - STMicroelectronics ST72361AR6-Auto Datasheet HTML 232Page - STMicroelectronics ST72361AR6-Auto Datasheet HTML 233Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 229 / 279 page
background image
ST72361xx-Auto
Electrical characteristics
Doc ID 12468 Rev 3
229/279
19.2.2
Current characteristics
19.2.3
Thermal characteristics
Symbol
Ratings
Maximum value
Unit
IVDD
Total current into VDD power lines (source)
(1)
1.
All power (VDD) and ground (VSS) lines must always be connected to the external supply.
150
mA
IVSS
Total current out of VSS ground lines (sink)
(1)
IIO
Output current sunk by any standard I/O and
control pin
25
Output current sunk by any high sink I/O pin
50
Output current source by any I/Os and control
pin
-25
IINJ(PIN)
(2)(3)
2.
IINJ(PIN) must never be exceeded. This is implicitly insured if VIN maximum is respected. If VIN maximum
cannot be respected, the injection current must be limited externally to the IINJ(PIN) value. A positive
injection is induced by VIN>VDD while a negative injection is induced by VIN <VSS. For true open-drain
pads, there is no positive injection current, and the corresponding VIN maximum must always be respected.
3.
Negative injection disturbs the analog performance of the device. See note in Section 20.13: 10-bit ADC
characteristics.
Injected current on VPP pin
±5
Injected current on RESET pin
Injected current on OSC1 and OSC2 pins
Injected current on PB3 (on Flash devices)
+5
Injected current on any other pin(4)
4.
When several inputs are submitted to a current injection, the maximum
I
INJ(PIN) is the absolute sum of the
positive and negative injected currents (instantaneous values). These results are based on
characterization with
I
INJ(PIN) maximum current injection on four I/O port pins of the device.
±5
I
INJ(PIN)
(2)
Total injected current (sum of all I/O and control
pins)(4)
±25
Symbol
Ratings
Value
Unit
TSTG
Storage temperature range
-65 to +150
°C
TJ
Maximum junction temperature (see Section 21.3: Thermal characteristics)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com