Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST72361AR6-Auto Datasheet(PDF) 228 Page - STMicroelectronics

Part # ST72361AR6-Auto
Description  Clock, reset and supply management
PDF  279 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72361AR6-Auto Datasheet(HTML) 228 Page - STMicroelectronics

Back Button ST72361AR6-Auto Datasheet HTML 224Page - STMicroelectronics ST72361AR6-Auto Datasheet HTML 225Page - STMicroelectronics ST72361AR6-Auto Datasheet HTML 226Page - STMicroelectronics ST72361AR6-Auto Datasheet HTML 227Page - STMicroelectronics ST72361AR6-Auto Datasheet HTML 228Page - STMicroelectronics ST72361AR6-Auto Datasheet HTML 229Page - STMicroelectronics ST72361AR6-Auto Datasheet HTML 230Page - STMicroelectronics ST72361AR6-Auto Datasheet HTML 231Page - STMicroelectronics ST72361AR6-Auto Datasheet HTML 232Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 228 / 279 page
background image
Electrical characteristics
ST72361xx-Auto
228/279
Doc ID 12468 Rev 3
Figure 96.
Pin input voltage
19.2
Absolute maximum ratings
Stresses above those listed as “absolute maximum ratings” may cause permanent damage
to the device. This is a stress rating only and functional operation of the device under these
conditions is not implied. Exposure to maximum rating conditions for extended periods may
affect device reliability.
19.2.1
Voltage characteristics
VIN
ST7 PIN
Symbol
Ratings
Maximum value
Unit
VDD - VSS
Supply voltage
6.5
V
VPP - VSS
Programming Voltage
13
VIN
Input voltage on any pin(1)(2)
1.
Directly connecting the RESET and I/O pins to VDD or VSS could damage the device if an unintentional
internal reset is generated or an unexpected change of the I/O configuration occurs (for example, due to a
corrupted program counter). To guarantee safe operation, this connection has to be done through a pull-up
or pull-down resistor (typical: 4.7k
for RESET, 10kfor I/Os). Unused I/O pins must be tied in the same
way to VDD or VSS according to their reset configuration.
2.
IINJ(PIN) must never be exceeded. This is implicitly insured if VIN maximum is respected. If VIN maximum
cannot be respected, the injection current must be limited externally to the IINJ(PIN) value. A positive
injection is induced by VIN>VDD while a negative injection is induced by VIN <VSS. For true open-drain
pads, there is no positive injection current, and the corresponding VIN maximum must always be respected.
V
SS - 0.3 to VDD +0.3
|
V
DDx| and |VSSx|
Variations between different digital power pins
50
mV
|VSSA - VSSx|
Variations between digital and analog ground
pins
50
VESD(HBM)
Electro-static discharge voltage (Human Body
Model)
see Section 20.8.3:
Absolute maximum ratings
(electrical sensitivity)
VESD(MM)
Electro-static discharge voltage (Machine
Model)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com