Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST72361AR9-Auto Datasheet(PDF) 88 Page - STMicroelectronics

Part # ST72361AR9-Auto
Description  Clock, reset and supply management
PDF  279 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72361AR9-Auto Datasheet(HTML) 88 Page - STMicroelectronics

Back Button ST72361AR9-Auto Datasheet HTML 84Page - STMicroelectronics ST72361AR9-Auto Datasheet HTML 85Page - STMicroelectronics ST72361AR9-Auto Datasheet HTML 86Page - STMicroelectronics ST72361AR9-Auto Datasheet HTML 87Page - STMicroelectronics ST72361AR9-Auto Datasheet HTML 88Page - STMicroelectronics ST72361AR9-Auto Datasheet HTML 89Page - STMicroelectronics ST72361AR9-Auto Datasheet HTML 90Page - STMicroelectronics ST72361AR9-Auto Datasheet HTML 91Page - STMicroelectronics ST72361AR9-Auto Datasheet HTML 92Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 88 / 279 page
background image
Main clock controller with real time clock MCC/RTC
ST72361xx-Auto
88/279
Doc ID 12468 Rev 3
10.4
Low power modes
10.5
Interrupts
The MCC/RTC interrupt event generates an interrupt if the OIE bit of the MCCSR register is
set and the interrupt mask in the CC register is not active (RIM instruction).
Note:
The MCC/RTC interrupt wakes up the MCU from ACTIVE HALT mode, not from HALT or
AWUF HALT mode.
10.6
Register description
10.6.1
MCC control/status register (MCCSR)
Read/Write
Reset value: 0000 0000 (00h)
Bit 7 = MCO Main clock out selection
This bit enables the MCO alternate function on the corresponding I/O port. It is set and
cleared by software.
0: MCO alternate function disabled (I/O pin free for general-purpose I/O)
1: MCO alternate function enabled (fOSC2 on I/O port)
Bits 6:5 = CP[1:0] CPU clock prescaler
These bits select the CPU clock prescaler which is applied in the different slow modes. Their
action is conditioned by the setting of the SMS bit. These two bits are set and cleared by
software
Table 38.
Effect of low power modes on MCC/RTC
Mode
Description
WAIT
No effect on MCC/RTC peripheral.
MCC/RTC interrupt cause the device to exit from WAIT mode.
ACTIVE HALT
No effect on MCC/RTC counter (OIE bit is set), the registers are frozen.
MCC/RTC interrupt cause the device to exit from ACTIVE HALT mode.
HALT
and
AWUF HALT
MCC/RTC counter and registers are frozen.
MCC/RTC operation resumes when the MCU is woken up by an interrupt with “exit from
HALT” capability.
Table 39.
MCC/RTC Interrupt control wake-up capability
Interrupt event
Event
flag
Enable
control
bit
Exit
from
wait
Exit
from
halt
Time base overflow event
OIF
OIE
Yes
No1)
7
0
MCO
CP1
CP0
SMS
TB1
TB0
OIE
OIF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com