Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST72361AR9-Auto Datasheet(PDF) 89 Page - STMicroelectronics

Part # ST72361AR9-Auto
Description  Clock, reset and supply management
PDF  279 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72361AR9-Auto Datasheet(HTML) 89 Page - STMicroelectronics

Back Button ST72361AR9-Auto Datasheet HTML 85Page - STMicroelectronics ST72361AR9-Auto Datasheet HTML 86Page - STMicroelectronics ST72361AR9-Auto Datasheet HTML 87Page - STMicroelectronics ST72361AR9-Auto Datasheet HTML 88Page - STMicroelectronics ST72361AR9-Auto Datasheet HTML 89Page - STMicroelectronics ST72361AR9-Auto Datasheet HTML 90Page - STMicroelectronics ST72361AR9-Auto Datasheet HTML 91Page - STMicroelectronics ST72361AR9-Auto Datasheet HTML 92Page - STMicroelectronics ST72361AR9-Auto Datasheet HTML 93Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 89 / 279 page
background image
ST72361xx-Auto
Main clock controller with real time clock MCC/RTC
Doc ID 12468 Rev 3
89/279
Bit 4 = SMS Slow mode select
This bit is set and cleared by software.
0: Normal mode. fCPU = fOSC2
1: Slow mode. fCPU is given by CP1, CP0
See Section 7.2: Slow mode and Section 10: Main clock controller with real time clock
MCC/RTC for more details.
Bits 3:2 = TB[1:0] Time base control
These bits select the programmable divider time base. They are set and cleared by
software.
A modification of the time base is taken into account at the end of the current period
(previously set) to avoid an unwanted time shift. This allows to use this time base as a real
time clock.
Bit 1 = OIE Oscillator interrupt enable
This bit set and cleared by software.
0: Oscillator interrupt disabled
1: Oscillator interrupt enabled
This interrupt can be used to exit from ACTIVE HALT mode.
When this bit is set, calling the ST7 software HALT instruction enters the ACTIVE HALT
power saving mode.
Bit 0 = OIF Oscillator interrupt flag
This bit is set by hardware and cleared by software reading the CSR register. It indicates
when set that the main oscillator has reached the selected elapsed time (TB1:0).
0: Timeout not reached
1: Timeout reached
Table 40.
CPU clock frequency in SLOW mode
fCPU in SLOW mode
CP1
CP0
fOSC2 / 2
0
0
fOSC2 / 4
1
fOSC2/ 8
1
0
fOSC2 / 16
1
Table 41.
Time base selection
Counter prescaler
Time base
TB1
TB0
fOSC2 =4 MHz
fOSC2 =8 MHz
16000
4ms
2ms
0
0
32000
8ms
4ms
1
80000
20ms
10ms
1
0
200000
50ms
25ms
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com