Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM8L151F3 Datasheet(PDF) 21 Page - STMicroelectronics

Part # STM8L151F3
Description  Reset and supply management
PDF  122 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8L151F3 Datasheet(HTML) 21 Page - STMicroelectronics

Back Button STM8L151F3 Datasheet HTML 17Page - STMicroelectronics STM8L151F3 Datasheet HTML 18Page - STMicroelectronics STM8L151F3 Datasheet HTML 19Page - STMicroelectronics STM8L151F3 Datasheet HTML 20Page - STMicroelectronics STM8L151F3 Datasheet HTML 21Page - STMicroelectronics STM8L151F3 Datasheet HTML 22Page - STMicroelectronics STM8L151F3 Datasheet HTML 23Page - STMicroelectronics STM8L151F3 Datasheet HTML 24Page - STMicroelectronics STM8L151F3 Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 122 page
background image
DocID018780 Rev 9
21/122
STM8L151x2, STM8L151x3
Functional overview
49
3.10
System configuration controller and routing interface
The system configuration controller provides the capability to remap some alternate
functions on different I/O ports. TIM4 and ADC1 DMA channels can also be remapped.
The highly flexible routing interface controls the routing of internal analog signals to ADC1,
COMP1, COMP2, and the internal reference voltage VREFINT. It also provides a set of
registers for efficiently managing the charge transfer acquisition sequence (Section 3.11:
Touch sensing).
3.11
Touch sensing
Low-density STM8L151x2/3 devices provide a simple solution for adding capacitive sensing
functionality to any application. Capacitive sensing technology is able to detect finger
presence near an electrode which is protected from direct touch by a dielectric (example,
glass, plastic). The capacitive variation introduced by a finger (or any conductive object) is
measured using a proven implementation based on a surface charge transfer acquisition
principle. It consists of charging the electrode capacitance and then transferring a part of the
accumulated charges into a sampling capacitor until the voltage across this capacitor has
reached a specific threshold. In low-density STM8L15xxx devices, the acquisition sequence
is managed either by software or by hardware and it involves analog I/O groups, the routing
interface, and timers.Reliable touch sensing solutions can be quickly and easily
implemented using the free STM8 Touch Sensing Library.
3.12
Timers
Low-density STM8L151x2/3devices contain two 16-bit general purpose timers (TIM2 and
TIM3) and one 8-bit basic timer (TIM4).
All the timers can be served by DMA1.
Table 2 compares the features of the advanced control, general-purpose and basic timers.
Table 2. Timer feature comparison
Timer
Counter
resolution
Counter
type
Prescaler factor
DMA1
request
generation
Capture/compare
channels
Complementary
outputs
TIM2
16-bit
up/down
Any power of 2
from 1 to 128
Yes
2
None
TIM3
TIM4
8-bit
up
Any power of 2
from 1 to 32768
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com