Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM8L151F3 Datasheet(PDF) 45 Page - STMicroelectronics

Part # STM8L151F3
Description  Reset and supply management
PDF  122 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8L151F3 Datasheet(HTML) 45 Page - STMicroelectronics

Back Button STM8L151F3 Datasheet HTML 41Page - STMicroelectronics STM8L151F3 Datasheet HTML 42Page - STMicroelectronics STM8L151F3 Datasheet HTML 43Page - STMicroelectronics STM8L151F3 Datasheet HTML 44Page - STMicroelectronics STM8L151F3 Datasheet HTML 45Page - STMicroelectronics STM8L151F3 Datasheet HTML 46Page - STMicroelectronics STM8L151F3 Datasheet HTML 47Page - STMicroelectronics STM8L151F3 Datasheet HTML 48Page - STMicroelectronics STM8L151F3 Datasheet HTML 49Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 122 page
background image
DocID018780 Rev 9
45/122
STM8L151x2, STM8L151x3
Memory and register map
49
0x00 53C8
to
0x00 542F
Reserved area (104 byte)
0x00 5430
RI
Reserved area (1 byte)
0x00
0x00 5431
RI_ICR1
RI timer input capture routing register 1
0x00
0x00 5432
RI_ICR2
RI timer input capture routing register 2
0x00
0x00 5433
RI_IOIR1
RI I/O input register 1
0xXX
0x00 5434
RI_IOIR2
RI I/O input register 2
0xXX
0x00 5435
RI_IOIR3
RI I/O input register 3
0xXX
0x00 5436
RI_IOCMR1
RI I/O control mode register 1
0x00
0x00 5437
RI_IOCMR2
RI I/O control mode register 2
0x00
0x00 5438
RI_IOCMR3
RI I/O control mode register 3
0x00
0x00 5439
RI_IOSR1
RI I/O switch register 1
0x00
0x00 543A
RI_IOSR2
RI I/O switch register 2
0x00
0x00 543B
RI_IOSR3
RI I/O switch register 3
0x00
0x00 543C
RI_IOGCR
RI I/O group control register
0xFF
0x00 543D
RI_ASCR1
RI analog switch register 1
0x00
0x00 543E
RI_ASCR2
RI analog switch register 2
0x00
0x00 543F
RI_RCR
RI resistor control register
0x00
0x00 5440
COMP1/
COMP2
COMP_CSR1
Comparator control and status register 1
0x00
0x00 5441
COMP_CSR2
Comparator control and status register 2
0x00
0x00 5442
COMP_CSR3
Comparator control and status register 3
0x00
0x00 5443
COMP_CSR4
Comparator control and status register 4
0x00
0x00 5444
COMP_CSR5
Comparator control and status register 5
0x00
0x00 5445
to
0x00 544F
Reserved area (11 byte)
0x00 5450
RI
RI_CR
RI I/O control register
0x00
0x00 5451
RI_MASKR1
RI I/O mask register 1
0x00
0x00 5452
RI_MASKR2
RI I/O mask register 2
0x00
0x00 5453
RI_MASKR3
RI I/O mask register 3
0x00
0x00 5454
RI_MASKR4
RI I/O mask register 4
0x00
0x00 5455
RI_IOIR4
RI I/O input register 4
0xXX
0x00 5456
RI_IOCMR4
RI I/O control mode register 4
0x00
0x00 5457
RI_IOSR4
RI I/O switch register 4
0x00
1. For device in 20-pin packages
2. These registers are not impacted by a system reset. They are reset at power-on.
Table 8. General hardware register map (continued)
Address
Block
Register label
Register name
Reset status



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com