Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM8L152C4 Datasheet(PDF) 95 Page - STMicroelectronics

Part # STM8L152C4
Description  Advanced STM8 core
PDF  142 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8L152C4 Datasheet(HTML) 95 Page - STMicroelectronics

Back Button STM8L152C4 Datasheet HTML 91Page - STMicroelectronics STM8L152C4 Datasheet HTML 92Page - STMicroelectronics STM8L152C4 Datasheet HTML 93Page - STMicroelectronics STM8L152C4 Datasheet HTML 94Page - STMicroelectronics STM8L152C4 Datasheet HTML 95Page - STMicroelectronics STM8L152C4 Datasheet HTML 96Page - STMicroelectronics STM8L152C4 Datasheet HTML 97Page - STMicroelectronics STM8L152C4 Datasheet HTML 98Page - STMicroelectronics STM8L152C4 Datasheet HTML 99Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 95 / 142 page
background image
DocID15962 Rev 15
95/142
STM8L151x4/6, STM8L152x4/6
Electrical parameters
115
NRST pin
Subject to general operating conditions for VDD and TA unless otherwise specified.
Figure 31. Typical NRST pull-up resistance RPU vs VDD
Table 42. NRST pin characteristics
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VIL(NRST)
NRST input low level voltage (1)
-
VSS
-0.8
V
VIH(NRST)
NRST input high level voltage (1)
-1.4
-
VDD
VOL(NRST)
NRST output low level voltage (1)
IOL = 2 mA
for 2.7 V
≤VDD ≤ 3.6
V
--
0.4
IOL = 1.5 mA
for VDD < 2.7 V
--
VHYST
NRST input hysteresis(3)
-
10%VDD
(2)
--
mV
RPU(NRST)
NRST pull-up equivalent resistor
(1)
-30
45
60
k
Ω
VF(NRST)
NRST input filtered pulse (3)
--
-
50
ns
VNF(NRST)
NRST input not filtered pulse (3)
-
300
-
-
1. Data based on characterization results.
2. 200 mV min.
3. Data guaranteed by design.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com