Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM8L152C4 Datasheet(PDF) 12 Page - STMicroelectronics

Part # STM8L152C4
Description  Advanced STM8 core
PDF  142 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8L152C4 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button STM8L152C4 Datasheet HTML 8Page - STMicroelectronics STM8L152C4 Datasheet HTML 9Page - STMicroelectronics STM8L152C4 Datasheet HTML 10Page - STMicroelectronics STM8L152C4 Datasheet HTML 11Page - STMicroelectronics STM8L152C4 Datasheet HTML 12Page - STMicroelectronics STM8L152C4 Datasheet HTML 13Page - STMicroelectronics STM8L152C4 Datasheet HTML 14Page - STMicroelectronics STM8L152C4 Datasheet HTML 15Page - STMicroelectronics STM8L152C4 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 142 page
background image
Description
STM8L151x4/6, STM8L152x4/6
12/142
DocID15962 Rev 15
2.1
Device overview
Table 2. Medium-density STM8L151x4/6 and STM8L152x4/6 low-power device features and
peripheral counts
Features
STM8L151Gx
STM8L15xKx
STM8L15xCx
Flash (Kbyte)
16
32
16
32
16
32
Data EEPROM (Kbyte)
1
RAM (Kbyte)
2
LCD
No
4x17 (1)
4x28 (1)
Timers
Basic
1
(8-bit)
General purpose
2
(16-bit)
Advanced control
1
(16-bit)
Communication
interfaces
SPI
1
I2C
1
USART
1
GPIOs
26(3)
30 (2)(3) or 29 (1)(3)
41(3)
12-bit synchronized ADC
(number of channels)
1
(18)
1
(22 (2) or 21 (1))
1
(25)
12-Bit DAC
(number of channels)
1
(1)
Comparators COMP1/COMP2
2
Others
RTC, window watchdog, independent watchdog,
16-MHz and 38-kHz internal RC, 1- to 16-MHz and 32-kHz external oscillator
CPU frequency
16 MHz
Operating voltage
1.8 V to 3.6 V (down to 1.65 V at power down)
Operating temperature
-40 to +85 °C/ -40 to +105 °C / -40 to +125 °C
Packages
UFQFPN28 (4x4;
0.6 mm thickness)
WLCSP28
LQFP32(7x7)
UFQFPN32 (5x5;
0.6 mm thickness)
LQFP48
UFQFPN48 (4x4;
0.6 mm thickness)
1. STM8L152xx versions only
2. STM8L151xx versions only
3. The number of GPIOs given in this table includes the NRST/PA1 pin but the application can use the NRST/PA1 pin as
general purpose output only (PA1).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com