Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST72561AR9-Auto Datasheet(PDF) 20 Page - STMicroelectronics

Part # ST72561AR9-Auto
Description  Clock, reset and supply management
PDF  324 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72561AR9-Auto Datasheet(HTML) 20 Page - STMicroelectronics

Back Button ST72561AR9-Auto Datasheet HTML 16Page - STMicroelectronics ST72561AR9-Auto Datasheet HTML 17Page - STMicroelectronics ST72561AR9-Auto Datasheet HTML 18Page - STMicroelectronics ST72561AR9-Auto Datasheet HTML 19Page - STMicroelectronics ST72561AR9-Auto Datasheet HTML 20Page - STMicroelectronics ST72561AR9-Auto Datasheet HTML 21Page - STMicroelectronics ST72561AR9-Auto Datasheet HTML 22Page - STMicroelectronics ST72561AR9-Auto Datasheet HTML 23Page - STMicroelectronics ST72561AR9-Auto Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 324 page
background image
Description
ST72561-Auto
20/324
Doc ID 12370 Rev 8
1
Description
The ST72561xx-Auto devices are members of the ST7 microcontroller family designed for
automotive mid-range applications with CAN (Controller Area Network) and LIN (Local
Interconnect Network) interface.
All devices are based on a common industry-standard 8-bit core, featuring an enhanced
instruction set and are available with Flash or ROM program memory.
The enhanced instruction set and addressing modes of the ST7 offer both power and
flexibility to software developers, enabling the design of highly efficient and compact
application code. In addition to standard 8-bit data management, all ST7 microcontrollers
feature true bit manipulation, 8x8 unsigned multiplication and indirect addressing modes.
Table 2.
Product overview
Features
ST72561(AR/R/J/K)9 ST72561(AR/R/J/K)7 ST72561(AR/R/J/K)6 ST72561(AR/R/J/K)4
Program memory -
bytes
60K
48K
32K
16K
RAM (stack) - bytes
2K (256)
2K (256)
1K (256)
1K (256)
Operating supply
4.5V to 5.5V
CPU frequency
External resonator oscillator w/ PLLx2/8 MHz
Maximum
temperature range
-40°C to +125°C
Packages
LQFP64 10x10mm (AR), LQFP44 10x10mm (J), LQFP32 7x7mm (K) LQFP64 14x14 (R)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com