Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST72561AR9-Auto Datasheet (PDF) - STMicroelectronics

ST72561AR9-Auto Datasheet PDF - STMicroelectronics
Part # ST72561AR9-Auto
Download  ST72561AR9-Auto Download
File Size   2920.23 Kbytes
Page   324 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Clock, reset and supply management

ST72561AR9-Auto Datasheet (PDF)

Go To PDF Page Download Datasheet
ST72561AR9-Auto Datasheet PDF - STMicroelectronics

Part # ST72561AR9-Auto
Download  ST72561AR9-Auto Click to download

File Size   2920.23 Kbytes
Page   324 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Clock, reset and supply management

ST72561AR9-Auto Datasheet (HTML) - STMicroelectronics


ST72561AR9-Auto Product details

Features
■ Memories – 16 K to 60 K High Density Flash (HDFlash) or ROM with read-out protection capability. In-application programming and in-circuit programming for HDFlash devices – 1 to 2 K RAM – HDFlash endurance: 100 cycles, data retention 20 years at 55 °C
■ Clock, reset and supply management – Low power crystal/ceramic resonator oscillators and bypass for external clock – PLL for 2 x frequency multiplication – 5 power saving modes: halt, auto wake up from halt, active halt, wait and slow
■ Interrupt management – Nested interrupt controller – 14 interrupt vectors plus TRAP and RESET – TLI top level interrupt (on 64-pin devices) – Up to 21 ext. interrupt lines (on 4 vectors)
■ Up to 48 I/O ports – Up to 48 multifunctional bidirectional I/Os – Up to 36 alternate I/O functions – Up to 6 high sink outputs
■ 5 timers – 16-bit timer with 2 input captures, 2 output compares, external clock input, PWM and pulse generator modes – 8-bit timer with 1 or 2 input captures, 1 or 2 output compares, PWM and pulse generator modes – 8-bit PWM auto-reload timer with 1 or 2 input captures, 2 or 4 independent PWM output channels, output compare and time base interrupt, external clock with event detector – Main clock controller with real-time base and clock output – Window watchdog timer
■ Up to 4 communications interfaces – SPI synchronous serial interface – Master/ slave LINSCI™ asynchronous serial interface – Master only LINSCI™ asynchronous serial interface – CAN 2.0B active
■ Analog peripheral (low current coupling) – 10-bit A/D converter with up to 16 inputs – Up to 9 robust ports (low current coupling)
■ Instruction set – 8-bit data manipulation – 63 basic instructions, 17 main addressing modes – 8 x 8 unsigned multiply instruction
■ Development tools – Full hardware/ software development




Similar Part No. - ST72561AR9-Auto

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST72561AR9 STMICROELECTRONICS-ST72561AR9 Datasheet
3Mb / 262P
8-BIT MCU WITH FLASH OR ROM, 10-BIT ADC, 5 TIMERS, SPI, LINSCI , ACTIVE CAN
May-2004
More results


Similar Description - ST72561AR9-Auto

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STM32F103CBT6 STMICROELECTRONICS-STM32F103CBT6 Datasheet
1Mb / 102P
Clock, reset and supply management
07-Dec-2012
STM32F103RCT6 STMICROELECTRONICS-STM32F103RCT6 Datasheet
1Mb / 130P
Clock, reset and supply management
19-Apr-2011
ST7MC1K2 STMICROELECTRONICS-ST7MC1K2 Datasheet
5Mb / 371P
Clock, reset and supply management
12-Jul-2007
ST72361XX STMICROELECTRONICS-ST72361XX Datasheet
2Mb / 279P
Clock, reset and supply management
02-Aug-2010
STM32F100XC STMICROELECTRONICS-STM32F100XC Datasheet
1Mb / 106P
Clock, reset and supply management
29-Mar-2016
STM32F215XX STMICROELECTRONICS-STM32F215XX Datasheet
2Mb / 180P
Clock, reset and supply management
16-Aug-2016
STM32F401XD STMICROELECTRONICS-STM32F401XD Datasheet
2Mb / 135P
Clock, reset and supply management
22-Jan-2015
STM32F410X8 STMICROELECTRONICS-STM32F410X8 Datasheet
1Mb / 142P
Clock, reset and supply management
04-Apr-2017
STM32L15XCC STMICROELECTRONICS-STM32L15XCC Datasheet
1Mb / 136P
Reset and supply management
10-Mar-2016
STM32L053C6 STMICROELECTRONICS-STM32L053C6 Datasheet
1Mb / 132P
Reset and supply management
11-Oct-2016
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com