Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM8L151X6 Datasheet(PDF) 144 Page - STMicroelectronics

Part # STM8L151X6
Description  Operating conditions
PDF  146 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8L151X6 Datasheet(HTML) 144 Page - STMicroelectronics

Back Button STM8L151X6 Datasheet HTML 138Page - STMicroelectronics STM8L151X6 Datasheet HTML 139Page - STMicroelectronics STM8L151X6 Datasheet HTML 140Page - STMicroelectronics STM8L151X6 Datasheet HTML 141Page - STMicroelectronics STM8L151X6 Datasheet HTML 142Page - STMicroelectronics STM8L151X6 Datasheet HTML 143Page - STMicroelectronics STM8L151X6 Datasheet HTML 144Page - STMicroelectronics STM8L151X6 Datasheet HTML 145Page - STMicroelectronics STM8L151X6 Datasheet HTML 146Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 144 / 146 page
background image
Revision history
STM8L151x6/8 STM8L152x6/8
144/146
DocID17943 Rev 10
19-Feb-2015
7
Updated
– Table 63: LQFP80 - 80-pin, 14 x 14 mm low-profile quad flat package
mechanical data,
– Figure 48: LQFP80 - 80-pin, 14 x 14 mm low-profile quad flat
package outline,
– Figure 49: LQFP80 - 80-pin, 14 x 14 mm low-profile quad flat
package recommended footprint,
– Table 64: LQFP64 - 64-pin, 10 x 10 mm low-profile quad flat package
mechanical data,
– Figure 51: LQFP64 - 64-pin, 10 x 10 mm low-profile quad flat
package outline,
– Figure 52: LQFP64 - 64-pin, 10 x 10 mm low-profile quad flat
package recommended footprint,
– Table 65: LQFP48 - 48-pin, 7 x 7 mm low-profile quad flat package
mechanical data,
– Figure 54: LQFP48 - 48-pin, 7 x 7 mm low-profile quad flat package
outline,
– Table 66: UFQFPN48 - 48-lead, 7x7 mm, 0.5 mm pitch, ultra thin fine
pitch quad flat package mechanical data,
– Figure 57: UFQFPN48 - 48-lead, 7x7 mm, 0.5 mm pitch, ultra thin
fine pitch quad flat package outline,
– Figure 58: UFQFPN48 - 48-lead, 7x7 mm, 0.5 mm pitch, ultra thin
fine pitch quad flat package recommended footprint.
Added:
– Figure 50: LQFP80 marking example (package top view)
– Figure 53: LQFP64 marking example (package top view)
– Figure 56: LQFP48 marking example (package top view)
– Figure 59: UFQFPN48 marking example (package top view)
07-Sep-2015
8
Added
– Figure 9: STM8L152K8 32-ball ballout and the related warning,
– Section 10.5: WLCSP32 package information.
Updated:
– Table 1: Device summary,
– Table 2: High-density and medium+ density STM8L15xx6/8 low
power device features and peripheral counts,
– Table 5: High-density and medium+ density STM8L15x pin
description,
– Table 18: General operating conditions,
– Table 60: ESD absolute maximum ratings,
– Table 62: Thermal characteristics,
– Table 69: Ordering information scheme.
08-Dec-2016
9
Updated TIM3 channel 3 to TIM3 channel 1 (LQFP80 pin 77) and SPI2
clock to SPI1 clock (LQFP80 pin 51) in Table 5: High-density and
medium+ density STM8L15x pin description.
Updated BOR_TH reference (OPT5) in Table 13: Option byte
description.
Table 70. Document revision history (continued)
Date
Revision
Changes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com