Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM8L151X6 Datasheet(PDF) 38 Page - STMicroelectronics

Part # STM8L151X6
Description  Operating conditions
PDF  146 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8L151X6 Datasheet(HTML) 38 Page - STMicroelectronics

Back Button STM8L151X6 Datasheet HTML 34Page - STMicroelectronics STM8L151X6 Datasheet HTML 35Page - STMicroelectronics STM8L151X6 Datasheet HTML 36Page - STMicroelectronics STM8L151X6 Datasheet HTML 37Page - STMicroelectronics STM8L151X6 Datasheet HTML 38Page - STMicroelectronics STM8L151X6 Datasheet HTML 39Page - STMicroelectronics STM8L151X6 Datasheet HTML 40Page - STMicroelectronics STM8L151X6 Datasheet HTML 41Page - STMicroelectronics STM8L151X6 Datasheet HTML 42Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 146 page
background image
Pin description
STM8L151x6/8 STM8L152x6/8
38/146
DocID17943 Rev 10
--
- G4 VDD1/VDDA/VREF+
S-
-
-
-
-
-
-
Digital power supply / Analog
power supply / ADC1 positive
voltage reference
17 13 12 - VREF+/VREF+_DAC
S-
-
-
-
-
-
-
ADC1 and DAC1/2 positive
voltage reference
18 14
-
-
PG0/LCD SEG28(3)
/USART3_RX/
[TIM2_BKIN]
I/O FT(6) X
XX HS X
X Port G0
LCD segment 28/
USART3 receive /
[Timer 2 - break input]
19 15
-
-
PG1/LCD SEG29(3)
/USART3_TX/
[TIM3_BKIN]
I/O FT(6) X
XX HS X
X Port G1
LCD segment 29/
USART3 transmit /
[Timer 3 -break input]
20 16
-
-
PG2/LCD_SEG30(3)/
USART3_CK
I/O FT(6) X
XX HS X
X Port G2
LCD segment 30/
USART 3 synchronous
clock
21 17
-
-
PG3/LCD SEG 31 (3)/
[TIM3_ETR]
I/O FT(6) X
XX HS X
X Port G3
LCD segment 31/
[Timer 3 - trigger]
33
-
-
- PH4/USART2_RX
I/O FT(6) X
XX HS X
X Port H4 USART2 receive
34
-
-
- PH5/USART2_TX
I/O FT(6) X
XX HS X
X Port H5 USART2 transmit
35
-
-
-
PH6/USART2_CK/
TIM5_CH1
I/O FT(6) X
XX HS X
X Port H6
USART2 synchronous
clock/ Timer 5 - channel
1
36
-
-
- PH7/TIM5_CH2
I/O FT(6) X
XX HS X
X Port H7 Timer 5 - channel 2
--
9 F4 VSS /VSSA /VREF-
S-
-
-
-
-
-
-
I/O ground / Analog ground
voltage /
ADC1 negative voltage reference
13 9
-
- VSSA /VREF-
S-
-
-
-
-
-
-
Analog ground voltage /
ADC1 negative voltage reference
37 29
-
- VDD3
S
-
-
-
-
-
-
- IOs supply voltage
38 30
- H1 VSS3
S
-
-
-
-
-
-
- IOs ground voltage
51
1 A4
PA0(9)/[USART1_CK](2)/
SWIM/BEEP/IR_TIM (10)
I/O
X
X
XHS X
X Port A0
[USART1 synchronous
clock](2)/ SWIM input and
output / Beep output /
Infrared Timer output
68 56 40 - VSS2
S
-
-
-
-
-
-
- IOs ground voltage
67 55 39 - VDD2
S
-
-
-
-
-
-
- IOs supply voltage
Table 5. High-density and medium+ density STM8L15x pin description (continued)
Pin number
Pin name
Input
Output
Default alternate
function



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com