Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM8S005K6 Datasheet(PDF) 11 Page - STMicroelectronics

Part # STM8S005K6
Description  Extended instruction set
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8S005K6 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button STM8S005K6 Datasheet HTML 7Page - STMicroelectronics STM8S005K6 Datasheet HTML 8Page - STMicroelectronics STM8S005K6 Datasheet HTML 9Page - STMicroelectronics STM8S005K6 Datasheet HTML 10Page - STMicroelectronics STM8S005K6 Datasheet HTML 11Page - STMicroelectronics STM8S005K6 Datasheet HTML 12Page - STMicroelectronics STM8S005K6 Datasheet HTML 13Page - STMicroelectronics STM8S005K6 Datasheet HTML 14Page - STMicroelectronics STM8S005K6 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 97 page
background image
DocID022186 Rev 4
11/97
STM8S005C6 STM8S005K6
Block diagram
25
3
Block diagram
Figure 1. STM8S005C6/K6 value line block diagram
XTAL 1-16 MHz
RC int. 16 MHz
RC int. 128 kHz
STM8 core
Debug/SWIM
UART2
I2C
SPI
AWU timer
Reset block
Reset
POR
BOR
Clock controller
Detector
Clock to peripherals and core
400 Kbit/s
8 Mbit/s
up to 10
Window WDG
32 Kbytes high
128 bytes
2 Kbytes RAM
Boot ROM
ADC1
Reset
Single wire
debug interf.
density program Flash
data EEPROM
16-bit general purpose
16-bit advanced control
timer (TIM1)
timers (TIM2, TIM3)
8-bit basic timer
(TIM4)
Beeper
1/2/4 kHz beep
Independent WDG
4 CAPCOM
channels
Up to
5 CAPCOM
channels
Up to
+ 3 complementary
outputs
Master/slave
autosynchro
LIN master
SPI emul.
channels



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com