Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM8S005K6 Datasheet(PDF) 25 Page - STMicroelectronics

Part # STM8S005K6
Description  Extended instruction set
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8S005K6 Datasheet(HTML) 25 Page - STMicroelectronics

Back Button STM8S005K6 Datasheet HTML 21Page - STMicroelectronics STM8S005K6 Datasheet HTML 22Page - STMicroelectronics STM8S005K6 Datasheet HTML 23Page - STMicroelectronics STM8S005K6 Datasheet HTML 24Page - STMicroelectronics STM8S005K6 Datasheet HTML 25Page - STMicroelectronics STM8S005K6 Datasheet HTML 26Page - STMicroelectronics STM8S005K6 Datasheet HTML 27Page - STMicroelectronics STM8S005K6 Datasheet HTML 28Page - STMicroelectronics STM8S005K6 Datasheet HTML 29Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 97 page
background image
DocID022186 Rev 4
25/97
STM8S005C6 STM8S005K6
Pinouts and pin descriptions
25
5.1
Alternate function remapping
As shown in the rightmost column of the pin description table, some alternate functions can
be remapped at different I/O ports by programming one of eight AFR (alternate function
remap) option bits. Refer to Section 8: Option bytes. When the remapping option is active,
the default alternate function is no longer available.
To use an alternate function, the corresponding peripheral must be enabled in the peripheral
registers.
Alternate function remapping does not effect GPIO capabilities of the I/O ports (see the
GPIO section of the family reference manual, RM0016).
41
25
PD0/TIM3_CH2
[TIM1_BKIN]
[CLK_CCO]
I/O X
XX
HS O3
X
X
Port D0
Timer 3 -
channel 2
TIM1_BKIN
[AFR3]/
CLK_CCO
[AFR2]
42
26
PD1/SWIM(4)
I/O X
X
XHS O4
X
X
Port D1
SWIM data
interface
43
27
PD2/TIM3_CH1
[TIM2_CH3]
I/O X
XX
HS O3
X
X
Port D2
Timer 3 -
channel 1
TIM2_CH3
[AFR1]
44
28
PD3/TIM2_CH2
[ADC_ETR]
I/O X
XX
HS O3
X
X
Port D3
Timer 2 -
channel 2
ADC_ETR
[AFR0]
45
29
PD4/TIM2_CH1
[BEEP]
I/O X
XX
HS O3
X
X
Port D4
Timer 2 -
channel 1
BEEP output
[AFR7]
46
30
PD5/ UART2_TX
I/O X
XX
O1
X
X
Port D5
UART2 data
transmit
47
31
PD6/ UART2_RX
I/O X
XX
O1
X
X
Port D6
UART2 data
receive
48
32
PD7/TLI
[TIM1_CH4]
I/O X
XX
O1
X
X
Port D7
Top level
interrupt
TIM1_CH4
[AFR4]
1.
A pull-up is applied to PF4 during the reset phase. This pin is input floating after reset release.
2.
AIN12 is not selectable in ADC scan mode or with analog watchdog.
3.
In the open-drain output column, ‘T’ defines a true open-drain I/O (P-buffer, weak pull-up, and protection diode to
VDD are not implemented).
4.
The PD1 pin is in input pull-up during the reset phase and after the internal reset release.
Table 5. STM8S005C6 and STM8S005K6 pin descriptions (continued)
Pin number
Pin name
Input
Output
Default
alternate
function
Alternate
function
after remap
[option bit]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com