Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TP3064 Datasheet(PDF) 4 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # TP3064
Description  Enhanced' Serial Interface CMOS CODEC/Filter COMBO
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

TP3064 Datasheet(HTML) 4 Page - National Semiconductor (TI)

  TP3064 Datasheet HTML 1Page - National Semiconductor (TI) TP3064 Datasheet HTML 2Page - National Semiconductor (TI) TP3064 Datasheet HTML 3Page - National Semiconductor (TI) TP3064 Datasheet HTML 4Page - National Semiconductor (TI) TP3064 Datasheet HTML 5Page - National Semiconductor (TI) TP3064 Datasheet HTML 6Page - National Semiconductor (TI) TP3064 Datasheet HTML 7Page - National Semiconductor (TI) TP3064 Datasheet HTML 8Page - National Semiconductor (TI) TP3064 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
Functional Description (Continued)
table of Transmission Characteristics) The FSX frame sync
pulse controls the sampling of the filter output and then the
successive-approximation encoding cycle begins The 8-bit
code is then loaded into a buffer and shifted out through DX
at the next FSX pulse The total encoding delay will be ap-
proximately 165 ms (due to the transmit filter) plus 125 ms
(due to encoding delay) which totals 290 ms Any offset
voltage due to the filters or comparator is cancelled by sign
bit integration
RECEIVE SECTION
The receive section consists of an expanding DAC which
drives a fifth order switched-capacitor low pass filter
clocked at 256 kHz The decoder is A-law (TP3067) or
m
-law (TP3064) and the 5th order low pass filter corrects for
the sin xx attenuation due to the 8 kHz samplehold The
filter is then followed by a 2nd order RC active post-filter
with its output at VFRO The receive section is unity-gain
but gain can be added by using the power amplifiers Upon
the occurrence of FSR the data at the DR input is clocked in
on the falling edge of the next eight BCLKR (BCLKX) peri-
ods At the end of the decoder time slot the decoding cycle
begins and 10 ms later the decoder DAC output is updated
The total decoder delay is E10 ms (decoder update) plus
110 ms (filter delay) plus 625 ms(
frame) which gives
approximately 180 ms
RECEIVE POWER AMPLIFIERS
Two inverting mode power amplifiers are provided for direct-
ly driving a matched line interface transformer The gain of
the first power amplifier can be adjusted to boost the g25V
peak output signal from the receive filter up to g33V peak
into an unbalanced 300X load or g40V into an unbal-
anced 15 kX load The second power amplifier is internally
connected in unity-gain inverting mode to give 6 dB of signal
gain for balanced loads
Maximum power transfer to a 600X subscriber line termina-
tion is obtained by differentially driving a balanced trans-
former with a S2 1 turns ratio as shown in
Figure 4 A total
peak power of 156 dBm can be delivered to the load plus
termination
ENCODING FORMAT AT DX OUTPUT
TP3064
TP3067
m-Law
A-Law
(Includes Even Bit Inversion)
VIN eaFull-Scale
1
000000010101010
VIN e 0V
1
111111111010101
0
111111101010101
VIN ebFull-Scale
0
000000000101010
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com