Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TP3064 Datasheet(PDF) 5 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # TP3064
Description  Enhanced' Serial Interface CMOS CODEC/Filter COMBO
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

TP3064 Datasheet(HTML) 5 Page - National Semiconductor (TI)

  TP3064 Datasheet HTML 1Page - National Semiconductor (TI) TP3064 Datasheet HTML 2Page - National Semiconductor (TI) TP3064 Datasheet HTML 3Page - National Semiconductor (TI) TP3064 Datasheet HTML 4Page - National Semiconductor (TI) TP3064 Datasheet HTML 5Page - National Semiconductor (TI) TP3064 Datasheet HTML 6Page - National Semiconductor (TI) TP3064 Datasheet HTML 7Page - National Semiconductor (TI) TP3064 Datasheet HTML 8Page - National Semiconductor (TI) TP3064 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
Absolute Maximum Ratings
If MilitaryAerospace specified devices are required
please contact the National Semiconductor Sales
OfficeDistributors for availability and specifications
VCC to GNDA
7V
VBB to GNDA
b
7V
Voltage at any Analog Input
or Output
VCCa03V to VBBb03V
Voltage at any Digital Input
or Output
VCCa03V to GNDAb03V
Operating Temperature Range
b
25 Cto a125 C
Storage Temperature Range
b
65 Cto a150 C
Lead Temp (Soldering 10 sec)
300 C
ESD (Human Body Model) J
1000V
ESD (Human Body Model) N
1500V
Latch-Up Immunity
100 mA on Any Pin
Electrical Characteristics Unless otherwise noted limits printed in BOLD characters are guaranteed for VCC e
a
50V g5% VBB eb50V g5% TA e 0 Cto70 C by correlation with 100% electrical testing at TA e 25 C All other limits
are assured by correlation with other production tests andor product design and characterization All signals referenced to
GNDA Typicals specified at VCC ea50V VBB eb50V TA e 25 C
Symbol
Parameter
Conditions
Min
Typ
Max
Units
POWER DISSIPATION (ALL DEVICES)
ICC0
Power-Down Current
(Note)
05
15
mA
IBB0
Power-Down Current
(Note)
005
03
mA
ICC1
Active Current
VPIe0V VFRO VPOa and VPOb unloaded
70
100
mA
IBB1
Active Current
VPIe0V VFRO VPOa and VPOb unloaded
70
100
mA
DIGITAL INTERFACE
VIL
Input Low Voltage
06
V
VIH
Input High Voltage
22
V
VOL
Output Low Voltage
DX ILe32 mA
04
V
TSX ILe32 mA Open Drain
04
V
VOH
Output High Voltage
DX IHeb32 mA
24
V
IIL
Input Low Current
GNDAsVINsVIL All Digital Inputs
b
10
10
m
A
IIH
Input High Current
VIHsVINsVCC
b
10
10
m
A
IOZ
Output Current in High Impedance
DX GNDAsVOsVCC
b
10
10
m
A
State (TRI-STATE)
Note
ICC0 and IBB0 are measured after first achieving a power-up state
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com