Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32F042x6 Datasheet(PDF) 59 Page - STMicroelectronics

Part # STM32F042x6
Description  Reset and power management
PDF  117 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F042x6 Datasheet(HTML) 59 Page - STMicroelectronics

Back Button STM32F042x6 Datasheet HTML 55Page - STMicroelectronics STM32F042x6 Datasheet HTML 56Page - STMicroelectronics STM32F042x6 Datasheet HTML 57Page - STMicroelectronics STM32F042x6 Datasheet HTML 58Page - STMicroelectronics STM32F042x6 Datasheet HTML 59Page - STMicroelectronics STM32F042x6 Datasheet HTML 60Page - STMicroelectronics STM32F042x6 Datasheet HTML 61Page - STMicroelectronics STM32F042x6 Datasheet HTML 62Page - STMicroelectronics STM32F042x6 Datasheet HTML 63Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 117 page
background image
DocID025832 Rev 5
59/117
STM32F042x4 STM32F042x6
Electrical characteristics
89
APB
APB-Bridge(2)
2.9
µA/MHz
ADC(3)
3.9
CAN
12.9
CEC
1.5
CRS
1.0
DBG (MCU Debug Support)
0.2
I2C1
3.6
PWR
1.4
SPI1
8.5
SPI2
6.1
SYSCFG
1.8
TIM1
15.1
TIM2
16.8
TIM3
11.7
TIM14
5.5
TIM16
7.0
TIM17
6.9
USART1
17.8
USART2
5.6
USB
4.9
WWDG
1.4
All APB peripherals
136.7
1. The BusMatrix is automatically active when at least one master is ON (CPU, DMA).
2. The APB Bridge is automatically active when at least one peripheral is ON on the Bus.
3. The power consumption of the analog part (IDDA) of peripherals such as ADC is not included. Refer to the
tables of characteristics in the subsequent sections.
Table 32. Peripheral current consumption (continued)
Peripheral
Typical consumption at 25 °C
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com