Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32F042x6 Datasheet(PDF) 11 Page - STMicroelectronics

Part # STM32F042x6
Description  Reset and power management
PDF  117 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F042x6 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button STM32F042x6 Datasheet HTML 7Page - STMicroelectronics STM32F042x6 Datasheet HTML 8Page - STMicroelectronics STM32F042x6 Datasheet HTML 9Page - STMicroelectronics STM32F042x6 Datasheet HTML 10Page - STMicroelectronics STM32F042x6 Datasheet HTML 11Page - STMicroelectronics STM32F042x6 Datasheet HTML 12Page - STMicroelectronics STM32F042x6 Datasheet HTML 13Page - STMicroelectronics STM32F042x6 Datasheet HTML 14Page - STMicroelectronics STM32F042x6 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 117 page
background image
DocID025832 Rev 5
11/117
STM32F042x4 STM32F042x6
Description
27
Table 2. STM32F042x4/x6 device features and peripheral counts
Peripheral
STM32F042Fx
STM32F042G
STM32F042K
STM32F042T
STM32F042C
Flash memory (Kbyte)
16
32
16
32
16
32
16
32
16
32
SRAM (Kbyte)
6
Timers
Advanced
control
1 (16-bit)
General
purpose
4 (16-bit)
1 (32-bit)
Comm.
interfaces
SPI [I2S](1)
1 [1]
2 [1]
I2C1
USART
2
CAN
1
USB
1
CEC
1
12-bit ADC
(number of channels)
1
(9 ext. + 3 int.)
1
(10 ext. + 3 int.)
GPIOs
16
24
26
28
30
38
Capacitive sensing
channels
711
13
14
14
14
Max. CPU frequency
48 MHz
Operating voltage
2.0 to 3.6 V
Operating temperature
Ambient operating temperature: -40°C to 85°C / -40°C to 105°C
Junction temperature: -40°C to 105°C / -40°C to 125°C
Packages
TSSOP20
UQFPN28
LQFP32
UQFPN32
WLCSP36
LQFP48
UFQFPN48
1. The SPI interfaces can be used either in SPI mode or in I2S audio mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com