Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32F042x6 Datasheet(PDF) 72 Page - STMicroelectronics

Part # STM32F042x6
Description  Reset and power management
PDF  117 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F042x6 Datasheet(HTML) 72 Page - STMicroelectronics

Back Button STM32F042x6 Datasheet HTML 68Page - STMicroelectronics STM32F042x6 Datasheet HTML 69Page - STMicroelectronics STM32F042x6 Datasheet HTML 70Page - STMicroelectronics STM32F042x6 Datasheet HTML 71Page - STMicroelectronics STM32F042x6 Datasheet HTML 72Page - STMicroelectronics STM32F042x6 Datasheet HTML 73Page - STMicroelectronics STM32F042x6 Datasheet HTML 74Page - STMicroelectronics STM32F042x6 Datasheet HTML 75Page - STMicroelectronics STM32F042x6 Datasheet HTML 76Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 117 page
background image
Electrical characteristics
STM32F042x4 STM32F042x6
72/117
DocID025832 Rev 5
6.3.14
I/O port characteristics
General input/output characteristics
Unless otherwise specified, the parameters given in Table 50 are derived from tests
performed under the conditions summarized in Table 21: General operating conditions. All
I/Os are designed as CMOS- and TTL-compliant.
Table 49. I/O current injection susceptibility
Symbol
Description
Functional
susceptibility
Unit
Negative
injection
Positive
injection
IINJ
Injected current on PA12 pin
-0
+5
mA
Injected current on PA9, PB3, PB13, PF11 pins with induced
leakage current on adjacent pins less than 50 µA
-5
NA
Injected current on PB0, PB1 and all other FT and FTf pins
-5
NA
Injected current on all other TC, TTa and RST pins
-5
+5
Table 50. I/O static characteristics
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VIL
Low level input
voltage
TC and TTa I/O
-
-
0.3 VDDIOx+0.07(1)
V
FT and FTf I/O
-
-
0.475 VDDIOx–0.2(1)
All I/Os
-
-
0.3 VDDIOx
VIH
High level input
voltage
TC and TTa I/O
0.445 VDDIOx+0.398(1)
--
V
FT and FTf I/O
0.5 VDDIOx+0.2(1)
--
All I/Os
0.7 VDDIOx
--
Vhys
Schmitt trigger
hysteresis
TC and TTa I/O
-
200(1)
-
mV
FT and FTf I/O
-
100(1)
-
Ilkg
Input leakage
current(2)
TC, FT and FTf I/O
TTa in digital mode
VSS ≤ VIN ≤ VDDIOx
--
± 0.1
µA
TTa in digital mode
VDDIOx ≤ VIN ≤ VDDA
--
1
TTa in analog mode
VSS ≤ VIN ≤ VDDA
--
± 0.2
FT and FTf I/O
VDDIOx ≤ VIN ≤ 5 V
--
10
RPU
Weak pull-up
equivalent resistor
(3)
VIN = VSS
25
40
55
kΩ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com