Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32F042x6 Datasheet(PDF) 50 Page - STMicroelectronics

Part # STM32F042x6
Description  Reset and power management
PDF  117 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F042x6 Datasheet(HTML) 50 Page - STMicroelectronics

Back Button STM32F042x6 Datasheet HTML 46Page - STMicroelectronics STM32F042x6 Datasheet HTML 47Page - STMicroelectronics STM32F042x6 Datasheet HTML 48Page - STMicroelectronics STM32F042x6 Datasheet HTML 49Page - STMicroelectronics STM32F042x6 Datasheet HTML 50Page - STMicroelectronics STM32F042x6 Datasheet HTML 51Page - STMicroelectronics STM32F042x6 Datasheet HTML 52Page - STMicroelectronics STM32F042x6 Datasheet HTML 53Page - STMicroelectronics STM32F042x6 Datasheet HTML 54Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 117 page
background image
Electrical characteristics
STM32F042x4 STM32F042x6
50/117
DocID025832 Rev 5
Typical and maximum current consumption
The MCU is placed under the following conditions:
•
All I/O pins are in analog input mode
•
All peripherals are disabled except when explicitly mentioned
•
The Flash memory access time is adjusted to the fHCLK frequency:
–
0 wait state and Prefetch OFF from 0 to 24 MHz
–
1 wait state and Prefetch ON above 24 MHz
•
When the peripherals are enabled fPCLK = fHCLK
The parameters given in Table 26 to Table 28 are derived from tests performed under
ambient temperature and supply voltage conditions summarized in Table 21: General
operating conditions
.
Table 26. Typical and maximum current consumption from VDD supply at VDD = 3.6 V
Conditions
fHCLK
All peripherals enabled(1)
All peripherals disabled
Unit
Typ
Max @ TA
(2)
Typ
Max @ TA
(2)
25 °C
85 °C
105 °C
25 °C
85 °C
105 °C
IDD
HSI48
48 MHz
20.3
23.2
23.4
24.6
12.7
14.4
14.4
14.7
mA
HSE bypass,
PLL on
48 MHz
20.2
22.9
23.0
23.9
12.6
14.1
14.3
14.4
32 MHz
14.0
16.0
16.1
16.7
8.7
9.5
9.7
10.3
24 MHz
11.0
13.5
13.7
13.8
6.9
7.6
7.8
8.2
HSE bypass,
PLL off
8 MHz
3.9
5.2
5.3
5.6
2.6
3.1
3.2
3.3
1 MHz
0.9
1.3
1.5
1.8
0.7
1.0
1.1
1.3
HSI clock,
PLL on
48 MHz
20.5
23.1
23.3
23.6
12.8
14.6
14.6
15.0
32 MHz
14.3
15.6
15.9
17.0
8.6
9.5
9.7
10.0
24 MHz
11.2
13.6
13.8
14.8
6.9
7.4
7.5
7.7
HSI clock,
PLL off
8 MHz
4.1
5.2
5.3
5.6
2.6
3.1
3.1
3.3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com