Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APW8707B Datasheet(PDF) 1 Page - Anpec Electronics Coropration

Part # APW8707B
Description  High-Performance, High-Current DrMOS Power Module
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APW8707B Datasheet(HTML) 1 Page - Anpec Electronics Coropration

  APW8707B Datasheet HTML 1Page - Anpec Electronics Coropration APW8707B Datasheet HTML 2Page - Anpec Electronics Coropration APW8707B Datasheet HTML 3Page - Anpec Electronics Coropration APW8707B Datasheet HTML 4Page - Anpec Electronics Coropration APW8707B Datasheet HTML 5Page - Anpec Electronics Coropration APW8707B Datasheet HTML 6Page - Anpec Electronics Coropration APW8707B Datasheet HTML 7Page - Anpec Electronics Coropration APW8707B Datasheet HTML 8Page - Anpec Electronics Coropration APW8707B Datasheet HTML 9Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.1 - Aug., 2016
www.anpec.com.tw
1
ANPEC reserves the right to make changes to improve reliability or manufacturability without notice, and
advise customers to obtain the latest version of relevant information to verify before placing orders.
High-Performance, High-Current DrMOS Power Module
APW8707B
Features
General Description
•
4.5V ~ 5.5V Input Range for VCC
•
4.5V ~ 25V Input Range for VIN
•
Power-On-Reset Monitoring on VCC Pin
•
Up to 25A (peak), 13A (continuous) output current
scale
•
Adjustable Over-Current Protection Threshold
•
Adjustable Debounce Time of OCP
•
Up to 1.5MHz PWM operation
•
Built-in Tri-State PWM input Function
•
Built in EN Timing Control function
•
Build in N-CH MOSFET for high side, N-CH MOSFET
for low side
•
Skip Mode Operation
•
Over-Temperature Protection
•
TQFN 5x5-30 package
•
Lead Free and Green Devices Available (RoHS
Compliant)
•
Desktops
•
Graphics Cards
•
Severs
•
Portable/Notebook Regulators
The APW 8707B integrates a high-side N-channel
MOSFET and a low-side N-channel MOSFET with adap-
tive dead-time control. The APW8707B have a built-in tri-
state PWM input function which can support a number of
PWM controllers. When the PWM input signal stays tri-
state, the tri-state function shuts off the high-side MOSFET
and turns on the low-side MOSFET without consider ZC
function. The device is also equipped with Power-On-
Reset(POR) and enable control functions into a single
package and accurate current limit. The device over-cur-
rent protection monitors the output current by using the
voltage drop across the R
DS(ON) of low-side MOSFET, elimi-
nating the need for a current sensing resistor that fea-
tures high efficiency and low cost. The POR circuit with
hysteresis monitors VCC supply voltage to start up/shut-
down the IC at power-on/off. The APW8707B also can be
enabled or disabled by other power system. Pulling the
EN pin high or low will turn on or shut off the device.
Simplified Application Circuit
Applications
CIN
VIN
AGND
PWM
VCC
PGND
LX
EN
VCC
VOUT
VIN
C VCC
1uF
COUT
L
PWM
CONTROLLER
VCC
APW8707B
OCPCT


Similar Part No. - APW8707B

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APW8707 ANPEC-APW8707 Datasheet
422Kb / 19P
High-Performance, High-Current DrMOS Power Module
APW8707A ANPEC-APW8707A Datasheet
331Kb / 19P
High-Performance, High-Current DrMOS Power Module
APW8707QBI-TRG ANPEC-APW8707QBI-TRG Datasheet
422Kb / 19P
High-Performance, High-Current DrMOS Power Module
More results

Similar Description - APW8707B

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AOZ5007 AOSMD-AOZ5007 Datasheet
821Kb / 16P
High-Current, High-Performance DrMOS Power Module
logo
Anpec Electronics Corop...
APW8703 ANPEC-APW8703 Datasheet
313Kb / 18P
High-Performance, High-Current DrMOS Power Module
APW8707A ANPEC-APW8707A Datasheet
331Kb / 19P
High-Performance, High-Current DrMOS Power Module
logo
Alpha & Omega Semicondu...
AOZ5019 AOSMD-AOZ5019 Datasheet
616Kb / 13P
High-Current, High-Performance DrMOS Power Module
logo
Anpec Electronics Corop...
APW8706 ANPEC-APW8706 Datasheet
360Kb / 19P
High-Performance, High-Current DrMOS Power Module
logo
Alpha & Omega Semicondu...
AOZ5007AQI AOSMD-AOZ5007AQI Datasheet
982Kb / 15P
High-Current, High-Performance DrMOS Power Module
Rev. 1.3 August 2022
AOZ5018QI AOSMD-AOZ5018QI Datasheet
1Mb / 16P
High-Current, High-Performance DrMOS Power Module
Rev. 1.0 December 2021
AOZ5316UQI AOSMD-AOZ5316UQI Datasheet
1Mb / 17P
High-Current, High-Performance DrMOS Power Module
Rev. 1.0 June 2020
AOZ5516QI-02 AOSMD-AOZ5516QI-02 Datasheet
2Mb / 17P
High-Current, High-Performance DrMOS Power Module
Rev. 2.0 May 2020
AOZ5612BQI AOSMD-AOZ5612BQI Datasheet
2Mb / 17P
High-Current, High-Performance DrMOS Power Module
Rev. 1.1 May 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com