Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32F100RC Datasheet(PDF) 30 Page - STMicroelectronics

Part # STM32F100RC
Description  Clock, reset and supply management
PDF  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F100RC Datasheet(HTML) 30 Page - STMicroelectronics

Back Button STM32F100RC Datasheet HTML 26Page - STMicroelectronics STM32F100RC Datasheet HTML 27Page - STMicroelectronics STM32F100RC Datasheet HTML 28Page - STMicroelectronics STM32F100RC Datasheet HTML 29Page - STMicroelectronics STM32F100RC Datasheet HTML 30Page - STMicroelectronics STM32F100RC Datasheet HTML 31Page - STMicroelectronics STM32F100RC Datasheet HTML 32Page - STMicroelectronics STM32F100RC Datasheet HTML 33Page - STMicroelectronics STM32F100RC Datasheet HTML 34Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 106 page
background image
Pinouts and pin descriptions
STM32F100xC, STM32F100xD, STM32F100xE
30/106
DocID15081 Rev 10
120
-
-
VSS_10
S-
VSS_10
--
121
-
-
VDD_10
S-
VDD_10
--
122
87
-
PD6
I/O FT
PD6
FSMC_NWAIT
USART2_RX
123
88
-
PD7
I/O FT
PD7
FSMC_NE1
USART2_CK
124
-
-
PG9
I/O FT
PG9
FSMC_NE2
-
125
-
-
PG10
I/O FT
PG10
FSMC_NE3
-
126
-
-
PG11
I/O FT
PG11
-
-
127
-
-
PG12
I/O FT
PG12
FSMC_NE4
-
128
-
-
PG13
I/O FT
PG13
FSMC_A24
-
129
-
-
PG14
I/O FT
PG14
FSMC_A25
-
130
-
-
VSS_11
S-
VSS_11
--
131
-
-
VDD_11
S-
VDD_11
--
132
-
-
PG15
I/O FT
PG15
-
-
133
89
55
PB3/
I/O FT
JTDO
SPI3_SCK
PB3/TRACESWO
TIM2_CH2 /
SPI1_SCK
134
90
56
PB4
I/O FT
NJTRST
SPI3_MISO
TIM3_CH1
SPI1_MISO
135
91
57
PB5
I/O
-
PB5
I2C1_SMBA/ SPI3_MOSI
TIM16_BKIN
TIM3_CH2 /
SPI1_MOSI
136
92
58
PB6
I/O FT
PB6
I2C1_SCL(8)/ TIM4_CH1(8) /
TIM16_CH1N
USART1_TX
137
93
59
PB7
I/O FT
PB7
I2C1_SDA(8) / FSMC_NADV /
TIM4_CH2(8) / TIM17_CH1N
USART1_RX
138
94
60
BOOT0
I
-
BOOT0
-
-
139
95
61
PB8
I/O FT
PB8
TIM4_CH3(8)/TIM16_CH1 /
HDMI_CEC
I2C1_SCL
140
96
62
PB9
I/O FT
PB9
TIM4_CH4(8)/ TIM17_CH1
I2C1_SDA
141
97
-
PE0
I/O FT
PE0
TIM4_ETR / FSMC_NBL0
-
142
98
-
PE1
I/O FT
PE1
FSMC_NBL1
-
143
99
63
VSS_3
S-
VSS_3
--
144 100 64
VDD_3
S-
VDD_3
--
1. I = input, O = output, S = supply.
2. FT = 5 V tolerant.
Table 4. High-density STM32F100xx pin definitions (continued)
Pins
Pin name
Main
function(3)
(after reset)
Alternate functions(4)
Default
Remap



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com