Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32F302X6 Datasheet(PDF) 11 Page - STMicroelectronics

Part # STM32F302X6
Description  Reset and power management
PDF  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F302X6 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button STM32F302X6 Datasheet HTML 7Page - STMicroelectronics STM32F302X6 Datasheet HTML 8Page - STMicroelectronics STM32F302X6 Datasheet HTML 9Page - STMicroelectronics STM32F302X6 Datasheet HTML 10Page - STMicroelectronics STM32F302X6 Datasheet HTML 11Page - STMicroelectronics STM32F302X6 Datasheet HTML 12Page - STMicroelectronics STM32F302X6 Datasheet HTML 13Page - STMicroelectronics STM32F302X6 Datasheet HTML 14Page - STMicroelectronics STM32F302X6 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 138 page
background image
DocID025147 Rev 6
11/138
STM32F302x6 STM32F302x8
Description
52
Table 1. STM32F302x6/8 device features and peripheral counts
Peripheral
STM32F302Kx
STM32F302Cx
STM32F302Rx
Flash (Kbytes)
32
64
32
64
32
64
SRAM (Kbytes)
16
Timers
Advanced control
1 (16-bit)
General purpose
3 (16-bit)
1 (32 bit)
Basic
1
SysTick timer
1
Watchdog timers
(independent, window)
2
PWM channels (all)(1)
16
18
PWM channels
(except complementary)
10
12
Comm. interfaces
SPI/I2S
2
I2C3
USART
2
3
USB 2.0 FS
1
CAN 2.0B
1
GPIOs
Normal I/Os (TC, TTa)
9
20
26
5-Volt tolerant I/Os (FT, FT1)
15
17
25
DMA channels
7
Capacitive sensing channels
13
17
18
12-bit ADC
Number of channels
1
8
1
11
1
15
12-bit DAC channels
1
Analog comparator
2
3
3
Operational amplifier
1
CPU frequency
72 MHz
Operating voltage
2.0 to 3.6 V
Operating temperature
Ambient operating temperature:
- 40 to 85 °C / - 40 to 105 °C
Junction temperature: - 40 to 125 °C
Packages
UFQFPN32
LQFP48,
WLCSP49
LQFP64
1. This total number considers also the PWMs generated on the complementary output channels.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com