Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32F302X6 Datasheet (PDF) - STMicroelectronics

STM32F302X6 Datasheet PDF - STMicroelectronics
Part # STM32F302X6
Download  STM32F302X6 Download
File Size   1899.36 Kbytes
Page   138 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Reset and power management

STM32F302X6 Datasheet (PDF)

Go To PDF Page Download Datasheet
STM32F302X6 Datasheet PDF - STMicroelectronics

Part # STM32F302X6
Download  STM32F302X6 Click to download

File Size   1899.36 Kbytes
Page   138 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Reset and power management

STM32F302X6 Datasheet (HTML) - STMicroelectronics


STM32F302X6 Product details

Features
■ Core: ARM® 32-bit Cortex®-M4 CPU with FPU (72 MHz max.), single-cycle multiplication and HW division, DSP instruction
■ Memories – 32 to 64 Kbytes of Flash memory – 16 Kbytes of SRAM on data bus
■ CRC calculation unit
■ Reset and power management – VDD, VDDA voltage range: 2.0 to 3.6 V – Power-on/Power down reset (POR/PDR) – Programmable voltage detector (PVD) – Low-power: Sleep, Stop, and Standby – VBAT supply for RTC and backup registers
■ Clock management – 4 to 32 MHz crystal oscillator – 32 kHz oscillator for RTC with calibration – Internal 8 MHz RC with x 16 PLL option – Internal 40 kHz oscillator
■ Up to 51 fast I/O ports, all mappable on external interrupt vectors, several 5 V-tolerant
■ Interconnect matrix
■ 7-channel DMA controller supporting timers, ADCs, SPIs, I2Cs, USARTs and DAC
■ 1 × ADC 0.20 μs (up to 15 channels) with selectable resolution of 12/10/8/6 bits, 0 to 3.6 V conversion range, single ended/differential mode, separate analog supply from 2.0 to 3.6 V
■ Temperature sensor
■ 1 x 12-bit DAC channel with analog supply from 2.4 to 3.6 V
■ Three fast rail-to-rail analog comparators with analog supply from 2.0 to 3.6 V
■ 1 x operational amplifier that can be used in PGA mode, all terminal accessible with analog supply from 2.4 to 3.6 V
■ Up to 18 capacitive sensing channels supporting touchkey, linear and rotary sensors
■ Up to 9 timers – One 32-bit timer with up to 4 IC/OC/PWM or pulse counter and quadrature (incremental) encoder input – One 16-bit 6-channel advanced-control timer, with up to 6 PWM channels, deadtime generation and emergency stop – Three 16-bit timers with IC/OC/OCN or PWM, deadtime gen. and emergency stop – One 16-bit basic timer to drive the DAC – 2 watchdog timers (independent, window) – SysTick timer: 24-bit downcounter
■ Calendar RTC with alarm, periodic wakeup from Stop/Standby
■ Communication interfaces – Three I2Cs with 20 mA current sink to support Fast mode plus – Up to 3 USARTs, 1 with ISO 7816 I/F, autobaudrate detect and Dual clock domain – Up to two SPIs with multiplexed full duplex I2S – USB 2.0 full-speed interface – 1 x CAN interface (2.0B Active) – Infrared transmitter
■ Serial wire debug (SWD), JTAG
■ 96-bit unique ID Reference Part number STM32F302x6 STM32F302R6, STM32F302C6, STM32F302K6 STM32F302x8 STM32F302R8, STM32F302C8, STM32F302K8 LQFP48 (7x7 mm) LQFP64 (10x10 mm) UFQFPN32 (5x5 mm) WLCSP49 (3.417x3.151 mm)




Similar Part No. - STM32F302X6

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STM32F302X6 STMICROELECTRONICS-STM32F302X6 Datasheet
2Mb / 139P
Arm® Cortex®-M4 32-bit MCUFPU, up to 64 KB Flash, 16 KB SRAM, ADC, DAC, USB, CAN, COMP, Op-Amp, 2.0 - 3.6 V
09-Mar-2020
STM32F302X6 STMICROELECTRONICS-STM32F302X6_V01 Datasheet
2Mb / 139P
Arm® Cortex®-M4 32-bit MCUFPU, up to 64 KB Flash, 16 KB SRAM, ADC, DAC, USB, CAN, COMP, Op-Amp, 2.0 - 3.6 V
09-Mar-2020
More results


Similar Description - STM32F302X6

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STM8L151C2 STMICROELECTRONICS-STM8L151C2 Datasheet
1Mb / 122P
Reset and supply management
12-May-2017
STM32F042X4 STMICROELECTRONICS-STM32F042X4 Datasheet
1Mb / 117P
Reset and power management
10-Jan-2017
STM32F070CB STMICROELECTRONICS-STM32F070CB Datasheet
1Mb / 83P
Reset and power management
07-Feb-2016
STM32F072X8 STMICROELECTRONICS-STM32F072X8 Datasheet
1Mb / 128P
Reset and power management
10-Jan-2017
STM32F098CC STMICROELECTRONICS-STM32F098CC Datasheet
1Mb / 128P
Reset and power management
10-Jan-2017
STM32F378XX STMICROELECTRONICS-STM32F378XX Datasheet
1Mb / 131P
Reset and power management
10-Jun-2016
STM32F383XX STMICROELECTRONICS-STM32F383XX Datasheet
1Mb / 125P
Reset and power management
19-Sep-2013
STM32L15XCC STMICROELECTRONICS-STM32L15XCC Datasheet
1Mb / 136P
Reset and supply management
10-Mar-2016
STM32L053C6 STMICROELECTRONICS-STM32L053C6 Datasheet
1Mb / 132P
Reset and supply management
11-Oct-2016
STM32L100X6 STMICROELECTRONICS-STM32L100X6 Datasheet
1Mb / 102P
Reset and supply management
25-Apr-2016
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com