Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32F383XX Datasheet (PDF) - STMicroelectronics

STM32F383XX Datasheet PDF - STMicroelectronics
Part # STM32F383XX
Download  STM32F383XX Download
File Size   1676.98 Kbytes
Page   125 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Reset and power management

STM32F383XX Datasheet (PDF)

Go To PDF Page Download Datasheet
STM32F383XX Datasheet PDF - STMicroelectronics

Part # STM32F383XX
Download  STM32F383XX Click to download

File Size   1676.98 Kbytes
Page   125 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Reset and power management

STM32F383XX Datasheet (HTML) - STMicroelectronics


STM32F383XX Product details

Features
■ Core: ARM® 32-bit Cortex™-M4 CPU (72 MHz max), single-cycle multiplication and HW division, DSP instruction with FPU (floating- point unit) and MPU (memory protection unit)
■ 1.25 DMIPS/MHz (Dhrystone 2.1)
■ Memories – 64 to 256 Kbytes of Flash memory – 32 Kbytes of SRAM with HW parity check
■ CRC calculation unit
■ Reset and power management – Supply: VDD= 1.8 V ± 8%, VDDA= 1.65 - 3.6 V – External POR pin – Low power modes: Sleep and Stop
■ Clock management – 4 to 32 MHz crystal oscillator – 32 kHz oscillator for RTC with calibration – Internal 8 MHz RC with x16 PLL option – Internal 40 kHz oscillator
■ Up to 84 fast I/Os – All mappable on external interrupt vectors – Up to 45 I/Os with 5 V tolerant capability
■ 12-channel DMA controller
■ One 12-bit, 1.0 µs ADC (up to 16 channels) – Conversion range: 0 to 3.6 V – Separate analog supply from 2.4 up to 3.6
■ Up to three 16-bit Sigma Delta ADC – Separate analog supply from 2.2 to 3.6 V, up to 21 single/ 11 diff channels
■ Up to three 12-bit DAC channels
■ Two fast rail-to-rail analog comparators with programmable input and output with analog supply from 1.65 to 3.6 V
■ Up to 24 capacitive sensing channels
■ 17 timers – Two 32-bit timers and three 16-bit timers with up to 4 IC/OC/PWM or pulse counters – Two 16-bit timers with up to 2 IC/OC/PWM or pulse counters – Four 16-bit timers with up to 1 IC/OC/PWM or pulse counter – Independent and system watchdog timers – SysTick timer: 24-bit downcounter – Three 16-bit basic timers to drive the DAC]
■ Calendar RTC with Alarm and periodic wakeup from Stop
■ Communication interfaces – CAN interface (2.0B Active) – Two I2Cs supporting Fast Mode Plus (1 Mbit/s) with 20 mA current sink, SMBus/PMBus, wakeup from STOP – Three USARTs supporting synchronous mode, modem control, ISO/IEC 7816, LIN, IrDA, auto baud rate, wakeup feature – Three SPIs (18 Mbit/s) with 4 to 16 programmable bit frames, muxed I2S – HDMI-CEC bus interface
■ Serial wire devices, JTAG, Cortex-M4 ETM
■ 96-bit unique ID




Similar Part No. - STM32F383XX

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STM32F3 STMICROELECTRONICS-STM32F3 Datasheet
2Mb / 16P
Mainstream 32-bit MCUs Releasing your creativity
Sep-2017
STM32F301C6 STMICROELECTRONICS-STM32F301C6 Datasheet
1Mb / 135P
ARM Cortex-M4 32-bit MCUFPU, up to 64 KB Flash, 16 KB SRAM, ADC, DAC, COMP, Op-Amp, 2.0 ??3.6 V
22-Jul-2016
STM32F301C6 STMICROELECTRONICS-STM32F301C6 Datasheet
1Mb / 141P
Arm® Cortex®-M4 32-bit MCUFPU, up to 64 KB Flash, 16 KB SRAM, ADC, DAC, COMP, Op-Amp, 2.0 – 3.6 V
05-Apr-2018
STM32F301C6T6 STMICROELECTRONICS-STM32F301C6T6 Datasheet
1Mb / 141P
Arm® Cortex®-M4 32-bit MCUFPU, up to 64 KB Flash, 16 KB SRAM, ADC, DAC, COMP, Op-Amp, 2.0 – 3.6 V
05-Apr-2018
STM32F301C6T6TR STMICROELECTRONICS-STM32F301C6T6TR Datasheet
1Mb / 141P
Arm® Cortex®-M4 32-bit MCUFPU, up to 64 KB Flash, 16 KB SRAM, ADC, DAC, COMP, Op-Amp, 2.0 – 3.6 V
05-Apr-2018
More results


Similar Description - STM32F383XX

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STM8L151C2 STMICROELECTRONICS-STM8L151C2 Datasheet
1Mb / 122P
Reset and supply management
12-May-2017
STM32F042X4 STMICROELECTRONICS-STM32F042X4 Datasheet
1Mb / 117P
Reset and power management
10-Jan-2017
STM32F070CB STMICROELECTRONICS-STM32F070CB Datasheet
1Mb / 83P
Reset and power management
07-Feb-2016
STM32F072X8 STMICROELECTRONICS-STM32F072X8 Datasheet
1Mb / 128P
Reset and power management
10-Jan-2017
STM32F098CC STMICROELECTRONICS-STM32F098CC Datasheet
1Mb / 128P
Reset and power management
10-Jan-2017
STM32F302X6 STMICROELECTRONICS-STM32F302X6 Datasheet
1Mb / 138P
Reset and power management
22-Jul-2016
STM32F378XX STMICROELECTRONICS-STM32F378XX Datasheet
1Mb / 131P
Reset and power management
10-Jun-2016
STM32L15XCC STMICROELECTRONICS-STM32L15XCC Datasheet
1Mb / 136P
Reset and supply management
10-Mar-2016
STM32L053C6 STMICROELECTRONICS-STM32L053C6 Datasheet
1Mb / 132P
Reset and supply management
11-Oct-2016
STM32L100X6 STMICROELECTRONICS-STM32L100X6 Datasheet
1Mb / 102P
Reset and supply management
25-Apr-2016
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com