Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32F302xE Datasheet(PDF) 71 Page - STMicroelectronics

Part # STM32F302xE
Description  CRC calculation unit
PDF  168 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F302xE Datasheet(HTML) 71 Page - STMicroelectronics

Back Button STM32F302xE Datasheet HTML 67Page - STMicroelectronics STM32F302xE Datasheet HTML 68Page - STMicroelectronics STM32F302xE Datasheet HTML 69Page - STMicroelectronics STM32F302xE Datasheet HTML 70Page - STMicroelectronics STM32F302xE Datasheet HTML 71Page - STMicroelectronics STM32F302xE Datasheet HTML 72Page - STMicroelectronics STM32F302xE Datasheet HTML 73Page - STMicroelectronics STM32F302xE Datasheet HTML 74Page - STMicroelectronics STM32F302xE Datasheet HTML 75Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 168 page
background image
DocID026900 Rev 4
71/168
STM32F302xD STM32F302xE
Electrical characteristics
146
All Run-mode current consumption measurements given in this section are performed with a
reduced code that gives a consumption equivalent to CoreMark code.
Note:
The total current consumption is the sum of IDD and IDDA.
Typical and maximum current consumption
The MCU is placed under the following conditions:
•
All I/O pins are in input mode with a static value at VDD or VSS (no load)
•
All peripherals are disabled except when explicitly mentioned
•
The Flash memory access time is adjusted to the fHCLK frequency (0 wait state from 0
to 24 MHz,1 wait state from 24 to 48 MHz and 2 wait states from 48 to 72 MHz)
•
Prefetch in ON (reminder: this bit must be set before clock setting and bus prescaling)
•
When the peripherals are enabled fPCLK2 = fHCLK and fPCLK1 = fHCLK/2
•
When fHCLK > 8 MHz, the PLL is ON and the PLL input is equal to HSI/2 (4 MHz) or
HSE (8 MHz) in bypass mode.
The parameters given in Table 25 to Table 29 are derived from tests performed under
ambient temperature and supply voltage conditions summarized in Table 19.
Table 25. Typical and maximum current consumption from VDD supply at VDD = 3.6V
Symbol Parameter Conditions
fHCLK
All peripherals enabled
All peripherals disabled
Unit
Typ
Max @ TA(1)
Typ
Max @ TA(1)
25 °C 85 °C 105 °C
25 °C 85 °C 105 °C
IDD
Supply
current in
Run mode,
executing
from Flash
External
clock (HSE
bypass)
72 MHz 66.4
76.5
76.9
77.4
33.0
37.2
38.1
38.9
mA
64 MHz 59.8
66.4
67.7
68.6
29.7
33.5
34.3
35.0
48 MHz 47.3
53.7
53.8
55.1
23.2
26.2
27.1
28.0
32 MHz 33.3
36.8
37.4
38.5
16.8
19.8
20.6
21.4
24 MHz 26.0
29.4
30.0
31.2
13.5
16.6
17.4
18.6
8 MHz
10.7
13.8
14.4
15.3
6.63
10.2
10.5
11.2
1 MHz
4.27
7.47
8.13
8.90
3.78
7.40
7.70
8.50
Internal
clock (HSI)
64 MHz 55.6
59.6
62.8
63.2
29.4
33.1
34.5
35.0
48 MHz 43.6
47.0
49.2
50.1
23.1
26.2
27.1
28.0
32 MHz 30.8
33.6
35.3
35.8
16.7
19.8
20.6
21.5
24 MHz 24.0
28.0
28.2
29.7
13.5
16.5
17.5
18.4
8 MHz
10.5
13.6
14.7
15.2
6.63
9.74
10.6
11.2
IDD
Supply
current in
Run mode,
executing
from RAM
External
clock (HSE
bypass)
72 MHz 66.2 76.2(2) 76.7
77.2(2) 32.8 36.9(2)
37.7
38.5(2)
64 MHz 59.6
66.2
67.6
68.4
29.3
33.1
33.9
34.4
48 MHz 47.0
53.4
53.6
54.9
22.4
25.6
26.2
27.2
32 MHz 33.0
36.6
37.2
38.1
16.0
19.0
19.5
20.4
24 MHz 25.6
29.0
29.5
30.6
12.8
15.7
16.3
17.6
8 MHz 10.3
13.4
13.8
14.7
6.40
9.48
9.93
10.90



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com