Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32F302xE Datasheet(PDF) 12 Page - STMicroelectronics

Part # STM32F302xE
Description  CRC calculation unit
PDF  168 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F302xE Datasheet(HTML) 12 Page - STMicroelectronics

Back Button STM32F302xE Datasheet HTML 8Page - STMicroelectronics STM32F302xE Datasheet HTML 9Page - STMicroelectronics STM32F302xE Datasheet HTML 10Page - STMicroelectronics STM32F302xE Datasheet HTML 11Page - STMicroelectronics STM32F302xE Datasheet HTML 12Page - STMicroelectronics STM32F302xE Datasheet HTML 13Page - STMicroelectronics STM32F302xE Datasheet HTML 14Page - STMicroelectronics STM32F302xE Datasheet HTML 15Page - STMicroelectronics STM32F302xE Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 168 page
background image
Description
STM32F302xD STM32F302xE
12/168
DocID026900 Rev 4
2
Description
The STM32F302xD/E family is based on the high-performance ARM® Cortex®-M4 32-bit
RISC core with FPU operating at a frequency of 72 MHz, and embedding a floating point
unit (FPU), a memory protection unit (MPU) and an embedded trace macrocell (ETM). The
family incorporates high-speed embedded memories (512-Kbyte Flash memory, 64-Kbyte
SRAM), a flexible memory controller (FSMC) for static memories (SRAM, PSRAM, NOR
and NAND), and an extensive range of enhanced I/Os and peripherals connected to an
AHB and two APB buses.
The devices offer two fast 12-bit ADCs (5 Msps), four comparators, two operational
amplifiers, one DAC channel, a low-power RTC, up to two general-purpose 16-bit timers,
one general-purpose 32-bit timer, and one timer dedicated to motor control. They also
feature standard and advanced communication interfaces: up to three I2Cs, up to four SPIs
(two SPIs are with multiplexed full-duplex I2Ss), three USARTs, up to two UARTs, CAN and
USB. To achieve audio class accuracy, the I2S peripherals can be clocked via an external
PLL.
The STM32F302xD/E family operates in the -40 to +85°C and -40 to +105°C temperature
ranges from a 2.0 to 3.6 V power supply. A comprehensive set of power-saving mode allows
the design of low-power applications.
The STM32F302xD/E family offers devices in different packages ranging from 64 to
144 pins.
Depending on the device chosen, different sets of peripherals are included.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com