Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32F303C6 Datasheet(PDF) 64 Page - STMicroelectronics

Part # STM32F303C6
Description  Up to 64 Kbytes of Flash memory
PDF  115 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F303C6 Datasheet(HTML) 64 Page - STMicroelectronics

Back Button STM32F303C6 Datasheet HTML 60Page - STMicroelectronics STM32F303C6 Datasheet HTML 61Page - STMicroelectronics STM32F303C6 Datasheet HTML 62Page - STMicroelectronics STM32F303C6 Datasheet HTML 63Page - STMicroelectronics STM32F303C6 Datasheet HTML 64Page - STMicroelectronics STM32F303C6 Datasheet HTML 65Page - STMicroelectronics STM32F303C6 Datasheet HTML 66Page - STMicroelectronics STM32F303C6 Datasheet HTML 67Page - STMicroelectronics STM32F303C6 Datasheet HTML 68Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 115 page
background image
Electrical characteristics
STM32F303x6/x8
64/115
DocID025083 Rev 5
6.3.6
Wakeup time from low-power mode
The wakeup times given in Table 36 are measured starting from the wakeup event trigger up
to the first instruction executed by the CPU:
•
For Stop or Sleep mode: the wakeup event is WFE.
•
WKUP1 (PA0) pin is used to wakeup from Standby, Stop and Sleep modes.
All timings are derived from tests performed under ambient temperature and VDD supply
voltage conditions summarized in Table 20.
6.3.7
External clock source characteristics
High-speed external user clock generated from an external source
In bypass mode the HSE oscillator is switched off and the input pin is a standard GPIO. The
external clock signal has to respect the I/O characteristics in Section 6.3.14. However, the
recommended clock input waveform is shown in Figure 13.
Table 36. Low-power mode wakeup timings
Symbol
Parameter
Conditions
Typ. @VDD, VDD = VDDA
Max.
Unit
2.0 V
2.4 V
2.7 V
3 V
3.3 V
3.6 V
tWUSTOP
Wakeup from
Stop mode
Regulator in
run mode
4.3
4.1
4.0
3.9
3.8
3.7
4.5
µs
Regulator in
low-power
mode
7.8
6.7
6.1
5.9
5.5
5.3
9
tWUSTANDBY(1)
Wakeup from
Standby mode
LSI and
IWDG OFF
74.4
64.3
60.0
56.9
54.3
51.1
103
tWUSLEEP
Wakeup from
Sleep mode
-6
-
CPU
clock
cycles
1. Data based on characterization results, not tested in production.
Table 37. Wakeup time using USART
Symbol
Parameter
Conditions
Typ
Max
Unit
tWUUSART
Wakeup time needed to
calculate the maximum
USART baudrate allowing
to wakeup up from stop
mode when USART clock
source is HSI
Stop mode with
main regulator in
low power mode
-13.125
µs
Stop mode with
main regulator in
run mode
-
3.125



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com