Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32F303C6 Datasheet(PDF) 86 Page - STMicroelectronics

Part # STM32F303C6
Description  Up to 64 Kbytes of Flash memory
PDF  115 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F303C6 Datasheet(HTML) 86 Page - STMicroelectronics

Back Button STM32F303C6 Datasheet HTML 82Page - STMicroelectronics STM32F303C6 Datasheet HTML 83Page - STMicroelectronics STM32F303C6 Datasheet HTML 84Page - STMicroelectronics STM32F303C6 Datasheet HTML 85Page - STMicroelectronics STM32F303C6 Datasheet HTML 86Page - STMicroelectronics STM32F303C6 Datasheet HTML 87Page - STMicroelectronics STM32F303C6 Datasheet HTML 88Page - STMicroelectronics STM32F303C6 Datasheet HTML 89Page - STMicroelectronics STM32F303C6 Datasheet HTML 90Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 86 / 115 page
background image
Electrical characteristics
STM32F303x6/x8
86/115
DocID025083 Rev 5
Figure 26. SPI timing diagram - master mode(1)
1. Measurement points are done at 0.5VDD and with external CL = 30 pF.
CAN (controller area network) interface
Refer to Section 6.3.14: I/O port characteristics for more details on the input/output alternate
function characteristics (CAN_TX and CAN_RX).
6.3.18
ADC characteristics
Unless otherwise specified, the parameters given in Table 61 to Table 64 are guaranteed by
design, with conditions summarized in Table 20.
Table 61. ADC characteristics
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Unit
VDDA
Analog supply voltage for
ADC
-2
-
3.6
V
IDDA
ADC current consumption
(Figure 27)
Single ended mode, 5
MSPS,
-
1011.3
1172.0
µA
Single ended mode, 1
MSPS
-
214.7
322.3
Single ended mode, 200
KSPS
-
54.7
81.1
Differential mode,5
MSPS,
-
1061.5
1243.6
Differential mode, 1
MSPS
-
246.6
337.6
Differential mode, 200
KSPS
-
56.4
83.0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com