Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32F303R6 Datasheet(PDF) 82 Page - STMicroelectronics

Part # STM32F303R6
Description  Up to 64 Kbytes of Flash memory
PDF  115 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F303R6 Datasheet(HTML) 82 Page - STMicroelectronics

Back Button STM32F303R6 Datasheet HTML 78Page - STMicroelectronics STM32F303R6 Datasheet HTML 79Page - STMicroelectronics STM32F303R6 Datasheet HTML 80Page - STMicroelectronics STM32F303R6 Datasheet HTML 81Page - STMicroelectronics STM32F303R6 Datasheet HTML 82Page - STMicroelectronics STM32F303R6 Datasheet HTML 83Page - STMicroelectronics STM32F303R6 Datasheet HTML 84Page - STMicroelectronics STM32F303R6 Datasheet HTML 85Page - STMicroelectronics STM32F303R6 Datasheet HTML 86Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 115 page
background image
Electrical characteristics
STM32F303x6/x8
82/115
DocID025083 Rev 5
6.3.16
Timer characteristics
The parameters given in Table 56 are guaranteed by design.
Refer to Section 6.3.14: I/O port characteristics for details on the input/output alternate
function characteristics (output compare, input capture, external clock, PWM output).
Table 56. TIMx(1)(2) characteristics
1. TIMx is used as a general term to refer to the TIM1, TIM2, TIM3,TIM15, TIM16 and TIM17 timers.
2. Guaranteed by design, not tested in production.
Symbol
Parameter
Conditions
Min.
Max.
Unit
tres(TIM)
Timer resolution time
-1
-
tTIMxCL
K
fTIMxCLK = 72 MHz
13.9
-
ns
fTIM1CLK = 144 MHz
6.95
-
ns
fEXT
Timer external clock
frequency on CH1 to CH4
-0
fTIMxCLK/2
MHz
fTIMxCLK = 72 MHz
0
36
MHz
ResTIM
Timer resolution
TIMx (except TIM2)
-
16
bit
TIM2
-
32
tCOUNTER 16-bit counter clock period
-
1
65536
tTIMxCL
K
fTIMxCLK = 72 MHz
0.0139
910
µs
fTIM1CLK = 144 MHz 0.0069
455
µs
tMAX_COUN
T
Maximum possible count
with 32-bit counter
-
-
65536 × 65536
tTIMxCL
K
fTIMxCLK = 72 MHz
-
59.65
s
fTIM1CLK = 144 MHz
-
29.825
s



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com