Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32F303R6 Datasheet(PDF) 13 Page - STMicroelectronics

Part # STM32F303R6
Description  Up to 64 Kbytes of Flash memory
PDF  115 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F303R6 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button STM32F303R6 Datasheet HTML 9Page - STMicroelectronics STM32F303R6 Datasheet HTML 10Page - STMicroelectronics STM32F303R6 Datasheet HTML 11Page - STMicroelectronics STM32F303R6 Datasheet HTML 12Page - STMicroelectronics STM32F303R6 Datasheet HTML 13Page - STMicroelectronics STM32F303R6 Datasheet HTML 14Page - STMicroelectronics STM32F303R6 Datasheet HTML 15Page - STMicroelectronics STM32F303R6 Datasheet HTML 16Page - STMicroelectronics STM32F303R6 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 115 page
background image
DocID025083 Rev 5
13/115
STM32F303x6/x8
Functional overview
43
3
Functional overview
3.1
ARM® Cortex®-M4 core with FPU with embedded Flash
and SRAM
The ARM Cortex-M4 processor with FPU is the latest generation of ARM processors for
embedded systems. It has been developed to provide a low-cost platform that meets the
needs of MCU implementation, with a reduced pin count and low-power consumption, while
delivering outstanding computational performance and an advanced response to interrupts.
The ARM 32-bit Cortex-M4 RISC processor with FPU features exceptional code-efficiency,
delivering the high performance expected from an ARM core, with memory sizes usually
associated with 8- and 16-bit devices.
The processor supports a set of DSP instructions which allows efficient signal processing
and complex algorithm execution.
Its single precision FPU speeds up software development by using metalanguage
development tools, while avoiding saturation.
With its embedded ARM core, the STM32F303x6/8 family is compatible with all ARM tools
and software.
Figure 1 shows the general block diagram of the STM32F303x6/8 family devices.
3.2
Memories
3.2.1
Embedded Flash memory
All STM32F303x6/8 devices feature up to 64 Kbytes of embedded Flash memory available
for storing programs and data. The Flash memory access time is adjusted to the CPU clock
frequency (0 wait state from 0 to 24 MHz, 1 wait state from 24 to 48 MHz and 2 wait states
above).
3.2.2
Embedded SRAM
The STM32F303x6/8 devices feature 12 Kbytes of embedded SRAM with hardware parity
check. The memory can be accessed in read/write at CPU clock speed with 0 wait states,
allowing the CPU to achieve 90 Dhrystone Mips at 72 MHz when running code from CCM
(core coupled memory) RAM.
The SRAM is organized as follows:
•
4 Kbytes of SRAM on instruction and data bus with parity check (core coupled memory
or CCM) and used to execute critical routines or to access data
•
12 Kbytes of SRAM with parity check mapped on the data bus.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com