Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32F410XB Datasheet(PDF) 20 Page - STMicroelectronics

Part # STM32F410XB
Description  Clock, reset and supply management
PDF  142 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F410XB Datasheet(HTML) 20 Page - STMicroelectronics

Back Button STM32F410XB Datasheet HTML 16Page - STMicroelectronics STM32F410XB Datasheet HTML 17Page - STMicroelectronics STM32F410XB Datasheet HTML 18Page - STMicroelectronics STM32F410XB Datasheet HTML 19Page - STMicroelectronics STM32F410XB Datasheet HTML 20Page - STMicroelectronics STM32F410XB Datasheet HTML 21Page - STMicroelectronics STM32F410XB Datasheet HTML 22Page - STMicroelectronics STM32F410XB Datasheet HTML 23Page - STMicroelectronics STM32F410XB Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 142 page
background image
Functional overview
STM32F410x8/B
20/142
DocID028094 Rev 5
3.13
Boot modes
At startup, boot pins are used to select one out of three boot options:
•
Boot from user Flash
•
Boot from system memory
•
Boot from embedded SRAM
The bootloader is located in system memory. It is used to reprogram the Flash memory by
using the interfaces described in Table 3.
Refer to Table 9: STM32F410x8/B pin definitions) for the GPIOs available on the selected
package.
For more detailed information on the bootloader, refer to Application Note: AN2606,
STM32™ microcontroller system memory boot mode.
3.14
Power supply schemes
•
VDD = 1.7 to 3.6 V: external power supply for I/Os with the internal supervisor
(POR/PDR) disabled, provided externally through VDD pins. Requires the use of an
external power supply supervisor connected to the VDD and PDR_ON pins.
•
VSSA, VDDA = 1.7 to 3.6 V: external analog power supplies for ADC, Reset blocks, RCs
and PLL. VDDA and VSSA must be connected to VDD and VSS, respectively, with
decoupling technique.
•
VBAT = 1.65 to 3.6 V: power supply for RTC, external clock 32 kHz oscillator and
backup registers (through power switch) when VDD is not present.
Table 3. Embedded bootloader interfaces
Package
USART1
USART2
I2C1
I2C2
I2C4 FM+
SPI1
SPI3
WLCSP36
X
PA2/PA3
PB6/PB7
X
PB10/PB3
PA15/PA5
/PB4/PB5
X
UFQFPN48
PA9/PA10
X
PB14/PB15
PA4/PA5/
PA6/PA7
X
LQFP64
PB10/PB11
PB12/PB13
/PC2/PC3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com