Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32F410XB Datasheet(PDF) 1 Page - STMicroelectronics

Part # STM32F410XB
Description  Clock, reset and supply management
PDF  142 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F410XB Datasheet(HTML) 1 Page - STMicroelectronics

  STM32F410XB Datasheet HTML 1Page - STMicroelectronics STM32F410XB Datasheet HTML 2Page - STMicroelectronics STM32F410XB Datasheet HTML 3Page - STMicroelectronics STM32F410XB Datasheet HTML 4Page - STMicroelectronics STM32F410XB Datasheet HTML 5Page - STMicroelectronics STM32F410XB Datasheet HTML 6Page - STMicroelectronics STM32F410XB Datasheet HTML 7Page - STMicroelectronics STM32F410XB Datasheet HTML 8Page - STMicroelectronics STM32F410XB Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 142 page
background image
This is information on a product in full production.
April 2017
DocID028094 Rev 5
1/142
STM32F410x8 STM32F410xB
ARM®-Cortex®-M4 32b MCU+FPU, 125 DMIPS, 128KB Flash,
32KB RAM, 9 TIMs, 1 ADC, 1 DAC, 1 LPTIM, 9 comm. interfaces
Datasheet
- production data
Features
• Dynamic Efficiency Line with eBAM (enhanced
Batch Acquisition Mode)
– 1.7 V to 3.6 V power supply
– -40 °C to 85/105/125 °C temperature range
• Core: ARM® 32-bit Cortex®-M4 CPU with FPU,
Adaptive real-time accelerator (ART
Accelerator™) allowing 0-wait state execution
from Flash memory, frequency up to 100 MHz,
memory protection unit,
125 DMIPS/1.25 DMIPS/MHz (Dhrystone 2.1),
and DSP instructions
• Memories
– Up to 128 Kbytes of Flash memory
– 512 bytes of OTP memory
– 32 Kbytes of SRAM
• Clock, reset and supply management
– 1.7 V to 3.6 V application supply and I/Os
– POR, PDR, PVD and BOR
– 4-to-26 MHz crystal oscillator
– Internal 16 MHz factory-trimmed RC
– 32 kHz oscillator for RTC with calibration
– Internal 32 kHz RC with calibration
• Power consumption
– Run: 89 µA/MHz (peripheral off)
– Stop (Flash in Stop mode, fast wakeup
time): 40 µA Typ @ 25 °C; 49 µA max
@25 °C
– Stop (Flash in Deep power down mode,
slow wakeup time): down to 6 µA @ 25 °C;
14 µA max @25 °C
– Standby: 2.4 µA @25 °C / 1.7 V without
RTC; 12 µA @85 °C @1.7 V
–VBAT supply for RTC: 1 µA @25 °C
• 1×12-bit, 2.4 MSPS ADC: up to 16 channels
• 1×12-bit D/A converter
• General-purpose DMA: 16-stream DMA
controllers with FIFOs and burst support
• Up to 9 timers
– One low-power timer (available in Stop
mode)
– One 16-bit advanced motor-control timer
– Three 16-bit general purpose timers
– One 32-bit timer up to 100 MHz with up to
four IC/OC/PWM or pulse counter and
quadrature (incremental) encoder input
– Two watchdog timers (independent
window)
– SysTick timer.
• Debug mode
– Serial wire debug (SWD) & JTAG
interfaces
–Cortex® -M4 Embedded Trace Macrocell™
• Up to 50 I/O ports with interrupt capability
– Up to 45 fast I/Os up to 100 MHz
– Up to 49 5 V-tolerant I/Os
• Up to 9 communication interfaces
– Up to 3x I2C interfaces (SMBus/PMBus)
including 1x I2C Fast-mode at 1 MHz
– Up to 3 USARTs (2 x 12.5 Mbit/s,
1 x 6.25 Mbit/s), ISO 7816 interface, LIN,
IrDA, modem control)
– Up to 3 SPI/I2Ss (up to 50 Mbit/s SPI or
I2S audio protocol)
• True random number generator
• CRC calculation unit
• 96-bit unique ID
• RTC: subsecond accuracy, hardware calendar
• All packages are ECOPACK®2
Table 1. Device summary
Reference
Part number
STM32F410x8
STM32F410T8, STM32F410C8,
STM32F410R8
STM32F410xB
STM32F410TB, STM32F410CB,
STM32F410RB
WLCSP36
UFQFPN48
(7×7mm)
(2.553x2.579mm)
LQFP48 (7x7mm)
UFBGA64
(
5x5mm)
LQFP64 (10×10mm)
www.st.com


Similar Part No. - STM32F410XB

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STM32F410RBT6 STMICROELECTRONICS-STM32F410RBT6 Datasheet
406Kb / 6P
STM32 Nucleo-64 boards
December 2017 Rev 10
STM32F410RBT6 STMICROELECTRONICS-STM32F410RBT6 Datasheet
237Kb / 4P
STM32 Nucleo-64 boards
08-Jul-2015
STM32F410RBT6 STMICROELECTRONICS-STM32F410RBT6 Datasheet
437Kb / 9P
STM32 Nucleo-64 boards
20-Feb-2023
STM32F410RBT6U STMICROELECTRONICS-STM32F410RBT6U Datasheet
1Mb / 7P
STM32 Nucleo-64 boards
25-Oct-2020
More results

Similar Description - STM32F410XB

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STM32F103CBT6 STMICROELECTRONICS-STM32F103CBT6 Datasheet
1Mb / 102P
Clock, reset and supply management
07-Dec-2012
STM32F103RCT6 STMICROELECTRONICS-STM32F103RCT6 Datasheet
1Mb / 130P
Clock, reset and supply management
19-Apr-2011
ST7MC1K2 STMICROELECTRONICS-ST7MC1K2 Datasheet
5Mb / 371P
Clock, reset and supply management
12-Jul-2007
ST72361XX STMICROELECTRONICS-ST72361XX Datasheet
2Mb / 279P
Clock, reset and supply management
02-Aug-2010
ST72561XX STMICROELECTRONICS-ST72561XX Datasheet
2Mb / 324P
Clock, reset and supply management
03-Jan-2011
STM32F100XC STMICROELECTRONICS-STM32F100XC Datasheet
1Mb / 106P
Clock, reset and supply management
29-Mar-2016
STM32F215XX STMICROELECTRONICS-STM32F215XX Datasheet
2Mb / 180P
Clock, reset and supply management
16-Aug-2016
STM32F401XD STMICROELECTRONICS-STM32F401XD Datasheet
2Mb / 135P
Clock, reset and supply management
22-Jan-2015
STM32L15XCC STMICROELECTRONICS-STM32L15XCC Datasheet
1Mb / 136P
Reset and supply management
10-Mar-2016
STM32L053C6 STMICROELECTRONICS-STM32L053C6 Datasheet
1Mb / 132P
Reset and supply management
11-Oct-2016
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com