Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32L15xVC Datasheet(PDF) 70 Page - STMicroelectronics

Part # STM32L15xVC
Description  Reset and supply management
PDF  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L15xVC Datasheet(HTML) 70 Page - STMicroelectronics

Back Button STM32L15xVC Datasheet HTML 66Page - STMicroelectronics STM32L15xVC Datasheet HTML 67Page - STMicroelectronics STM32L15xVC Datasheet HTML 68Page - STMicroelectronics STM32L15xVC Datasheet HTML 69Page - STMicroelectronics STM32L15xVC Datasheet HTML 70Page - STMicroelectronics STM32L15xVC Datasheet HTML 71Page - STMicroelectronics STM32L15xVC Datasheet HTML 72Page - STMicroelectronics STM32L15xVC Datasheet HTML 73Page - STMicroelectronics STM32L15xVC Datasheet HTML 74Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 136 page
background image
Electrical characteristics
STM32L151xC STM32L152xC
70/136
DocID022799 Rev 12
APB2
SYSCFG &
RI
2.6
2.0
1.6
2.0
µA/MHz
(fHCLK)
TIM9
7.9
6.4
5.0
6.4
TIM10
5.9
4.7
3.8
4.7
TIM11
5.9
4.6
3.7
4.6
ADC(2)
10.5
8.3
6.6
8.3
SPI1
4.3
3.4
2.8
3.4
USART1
8.8
7.1
5.6
7.1
AHB
GPIOA
4.3
3.3
2.6
3.3
GPIOB
4.3
3.5
2.8
3.5
GPIOC
4.0
3.2
2.5
3.2
GPIOD
4.1
3.3
2.5
3.3
GPIOE
4.2
3.4
2.7
3.4
GPIOH
3.7
3.0
2.3
3.0
CRC
0.8
0.6
0.5
0.6
FLASH
11.1
9.4
8
-(3)
DMA1
15.6
12.7
10
12.7
DMA2
16.3
13.4
10.5
13.4
All enabled
187
154
120
144.6
IDD (RTC)
0.4
µA
IDD (LCD)
3.1
IDD (ADC)(4)
1450
IDD (DAC)(5)
340
IDD (COMP1)
0.16
IDD (COMP2)
Slow mode
2
Fast mode
5
IDD (PVD / BOR)(6)
2.6
IDD (IWDG)
0.25
1. Data based on differential IDD measurement between all peripherals OFF an one peripheral with clock
enabled, in the following conditions: fHCLK = 32 MHz (range 1), fHCLK = 16 MHz (range 2), fHCLK = 4 MHz
(range 3), fHCLK = 64kHz (Low-power run/sleep), fAPB1 = fHCLK, fAPB2 = fHCLK, default prescaler value for
each peripheral. The CPU is in Sleep mode in both cases. No I/O pins toggling.
2. HSI oscillator is OFF for this measure.
Table 25. Peripheral current consumption(1) (continued)
Peripheral
Typical consumption, VDD = 3.0 V, TA = 25 °C
Unit
Range 1,
VCORE=
1.8 V
VOS[1:0] =
01
Range 2,
VCORE=
1.5 V
VOS[1:0] =
10
Range 3,
VCORE=
1.2 V
VOS[1:0] =
11
Low-power
sleep and
run



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com