Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32L15xVC Datasheet(PDF) 38 Page - STMicroelectronics

Part # STM32L15xVC
Description  Reset and supply management
PDF  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L15xVC Datasheet(HTML) 38 Page - STMicroelectronics

Back Button STM32L15xVC Datasheet HTML 34Page - STMicroelectronics STM32L15xVC Datasheet HTML 35Page - STMicroelectronics STM32L15xVC Datasheet HTML 36Page - STMicroelectronics STM32L15xVC Datasheet HTML 37Page - STMicroelectronics STM32L15xVC Datasheet HTML 38Page - STMicroelectronics STM32L15xVC Datasheet HTML 39Page - STMicroelectronics STM32L15xVC Datasheet HTML 40Page - STMicroelectronics STM32L15xVC Datasheet HTML 41Page - STMicroelectronics STM32L15xVC Datasheet HTML 42Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 136 page
background image
Pin descriptions
STM32L151xC STM32L152xC
38/136
DocID022799 Rev 12
Table 8. Legend/abbreviations used in the pinout table
Name
Abbreviation
Definition
Pin name
Unless otherwise specified in brackets below the pin name, the pin function
during and after reset is the same as the actual pin name
Pin type
S
Supply pin
I
Input only pin
I/O
Input / output pin
I/O structure
FT
5 V tolerant I/O
TC
Standard 3.3 V I/O
B
Dedicated BOOT0 pin
RST
Bidirectional reset pin with embedded weak pull-up resistor
Notes
Unless otherwise specified by a note, all I/Os are set as floating inputs during
and after reset
Pin
functions
Alternate
functions
Functions selected through GPIOx_AFR registers
Additional
functions
Functions directly selected/enabled through peripheral registers
Table 9. STM32L151xC and STM32L152xC pin definitions
Pins
Pin name
Main
function(2)
(after
reset)
Pin functions
Alternate functions
Additional functions
B2
1
-
-
-
PE2
I/O
FT
PE2
TIM3_ETR/LCD_SEG38
/TRACECLK
-
A1
2
-
-
-
PE3
I/O
FT
PE3
TIM3_CH1/LCD_SEG39
/TRACED0
-
B1
3
-
-
-
PE4
I/O
FT
PE4
TIM3_CH2/TRACED1
-
C2
4
-
-
-
PE5
I/O
FT
PE5
TIM9_CH1/TRACED2
-
D2
5
-
-
-
PE6-
WKUP3
I/O
FT
PE6
TIM9_CH2/ TRACED3
WKUP3/
RTC_TAMP3
E2
6
1
C7
1
VLCD(3)
S-
VLCD
--



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com