Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32L15xVC Datasheet(PDF) 131 Page - STMicroelectronics

Part # STM32L15xVC
Description  Reset and supply management
PDF  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L15xVC Datasheet(HTML) 131 Page - STMicroelectronics

Back Button STM32L15xVC Datasheet HTML 127Page - STMicroelectronics STM32L15xVC Datasheet HTML 128Page - STMicroelectronics STM32L15xVC Datasheet HTML 129Page - STMicroelectronics STM32L15xVC Datasheet HTML 130Page - STMicroelectronics STM32L15xVC Datasheet HTML 131Page - STMicroelectronics STM32L15xVC Datasheet HTML 132Page - STMicroelectronics STM32L15xVC Datasheet HTML 133Page - STMicroelectronics STM32L15xVC Datasheet HTML 134Page - STMicroelectronics STM32L15xVC Datasheet HTML 135Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 131 / 136 page
background image
DocID022799 Rev 12
131/136
STM32L151xC STM32L152xC
Revision History
135
9
Revision History
Table 75. Document revision history
Date
Revision
Changes
21-Feb-2012
1
Initial release.
12-Oct-2012
2
Added WLCSP63 package.
Updated Figure 1: Ultra-low-power STM32L162xC block diagram.
Changed maximum number of touch sensing channels to 34, and
updated Table 2: Ultralow power STM32L15xxC device features and
peripheral counts.
Added Table 4: Functionalities depending on the working mode (from
Run/active down to standby), and Table 3: ange depending on
dynamic voltage scaling.
Updated Section 3.10: ADC (analog-to-digital converter) to add
Section 3.10.1: Temperature sensor and Section 3.10.2: Internal
voltage reference (VREFINT).
Updated Figure 3: STM32L162VC LQFP100 pinout.
Table 10: STM32L15xxC pin definitions: updated name of reference
manual in footnote 5.
Changed I2C1_SMBAI into I2C1_SMBA in Table 10: STM32L15xxC
pin definitions.
Modified PB10/11/12 for AFIO4 alternate function, and replaced LBAR
by NADV for AFIO12 in Table 10: Alternate function input/output.
Removed caution note below Figure 8: Power supply scheme.
Added Note 2 in Table 15: Embedded reset and power control block
characteristics.
Updated Table 14: General operating conditions.
Updated Table 22: Typical and maximum current consumptions in Stop
mode and added Note 6. Updated Table 23: Typical and maximum
current consumptions in Standby mode. Updated tWUSTOP in Table : .
Updated Table 26: Peripheral current consumption.
Updated Table 60: SPI characteristics, added Note 1 and Note 3, and
applied Note 2 to tr(SCK), tf(SCK), tw(SCKH), tw(SCKL), tsu(MI), tsu(SI), th(MI),
and th(SI).
Added Table 61: I2S characteristics, Figure 29: I2S slave timing
diagram (Philips protocol)(1) and Figure 30: I2S master timing diagram
(Philips protocol)(1).
Updated Table 72: Temperature sensor characteristics.
Added Figure 40: Thermal resistance.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com