Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32L062T8 Datasheet(PDF) 55 Page - STMicroelectronics

Part # STM32L062T8
Description  Ultra-low-power platform
PDF  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L062T8 Datasheet(HTML) 55 Page - STMicroelectronics

Back Button STM32L062T8 Datasheet HTML 51Page - STMicroelectronics STM32L062T8 Datasheet HTML 52Page - STMicroelectronics STM32L062T8 Datasheet HTML 53Page - STMicroelectronics STM32L062T8 Datasheet HTML 54Page - STMicroelectronics STM32L062T8 Datasheet HTML 55Page - STMicroelectronics STM32L062T8 Datasheet HTML 56Page - STMicroelectronics STM32L062T8 Datasheet HTML 57Page - STMicroelectronics STM32L062T8 Datasheet HTML 58Page - STMicroelectronics STM32L062T8 Datasheet HTML 59Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 118 page
background image
DocID025937 Rev 8
55/118
STM32L062x8
Electrical characteristics
98
Table 26. Current consumption in Run mode, code with data processing running from RAM
Symbol
Parameter
Conditions
fHCLK
Typ
Max(1)
Unit
IDD (Run
from
RAM)
Supply current in
Run mode, code
executed from
RAM, Flash
switched off
MSI clock
Range 3,
VCORE=1.2 V,
VOS[1:0]=11
65 kHz
34.5
75
µA
524 kHz
83
120
4.2 MHz
485
540
HSI16 clock source
(16 MHz)
Range 2,
VCORE=1.5 V,
VOS[1:0]=10
16 MHz
2.1
2.3
mA
Range 1,
VCORE=1.8 V,
VOS[1:0]=01
32 MHz
5.1
5.6
1.
Guaranteed by characterization results
at 125 °C, unless otherwise specified.
Table 27. Current consumption in Sleep mode
Symbol
Parameter
Conditions
fHCLK
Typ
Max(1)
Unit
IDD (Sleep)
Supply current
in Sleep
mode, Flash
OFF
MSI clock
Range 3,
VCORE=1.2 V,
VOS[1:0]=11
65 kHz
18
65
µA
524 kHz
31.5
75
4.2 MHz
140
210
HSI16 clock source
(16 MHz)
Range 2,
VCORE=1.5 V,
VOS[1:0]=10
16 MHz
665
830
Range 1,
VCORE=1.8 V,
VOS[1:0]=01
32 MHz
1750
2100
Supply current
in Sleep
mode, Flash
ON
MSI clock
Range 3,
VCORE=1.2 V,
VOS[1:0]=11
65 kHz
29.5
110
524 kHz
44.5
130
4.2 MHz
150
270
HSI16 clock source
(16 MHz)
Range 2,
VCORE=1.5 V,
VOS[1:0]=10
16 MHz
680
950
Range 1,
VCORE=1.8 V,
VOS[1:0]=01
32 MHz
1750
2100
1. Guaranteed by characterization results at 125 °C, unless otherwise specified.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com