Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32L062T8 Datasheet(PDF) 56 Page - STMicroelectronics

Part # STM32L062T8
Description  Ultra-low-power platform
PDF  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L062T8 Datasheet(HTML) 56 Page - STMicroelectronics

Back Button STM32L062T8 Datasheet HTML 52Page - STMicroelectronics STM32L062T8 Datasheet HTML 53Page - STMicroelectronics STM32L062T8 Datasheet HTML 54Page - STMicroelectronics STM32L062T8 Datasheet HTML 55Page - STMicroelectronics STM32L062T8 Datasheet HTML 56Page - STMicroelectronics STM32L062T8 Datasheet HTML 57Page - STMicroelectronics STM32L062T8 Datasheet HTML 58Page - STMicroelectronics STM32L062T8 Datasheet HTML 59Page - STMicroelectronics STM32L062T8 Datasheet HTML 60Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 118 page
background image
Electrical characteristics
STM32L062x8
56/118
DocID025937 Rev 8
Table 28. Current consumption in Low-power run mode
Symbol
Parameter
Conditions
Typ
Max(1)
Unit
IDD
(LP Run)
Supply
current in
Low-power
run mode
All peripherals
OFF, code
executed from
RAM, Flash
switched off,
VDD from 1.65
to 3.6 V
MSI clock = 65 kHz,
fHCLK = 32 kHz
TA = − 40 to 25°C
8.5
10
µA
TA = 85 °C
11.5
48
TA = 105 °C
15.5
53
TA = 125 °C
27.5
130
MSI clock= 65 kHz,
fHCLK = 65 kHz
TA =-40 °C to 25 °C
10
15
TA = 85 °C
15.5
50
TA = 105 °C
19.5
54
TA = 125 °C
31.5
130
MSI clock= 131 kHz,
fHCLK = 131 kHz
TA = − 40 to 25°C
20
25
TA = 55 °C
23
50
TA = 85 °C
25.5
55
TA = 105 °C
29.5
64
TA = 125 °C
40
140
All peripherals
OFF, code
executed from
Flash, VDD
from 1.65 V to
3.6 V
MSI clock= 65 kHz,
fHCLK = 32 kHz
TA = − 40 to 25°C
22
28
TA = 85 °C
26
68
TA = 105 °C
31
75
TA = 125 °C
44
95
MSI clock = 65 kHz,
fHCLK = 65 kHz
TA = − 40 to 25°C
27.5
33
TA = 85 °C
31.5
73
TA = 105 °C
36.5
80
TA = 125 °C
49
100
MSI clock =
131 kHz,
fHCLK = 131 kHz
TA = − 40 to 25°C
39
46
TA = 55 °C
41
80
TA = 85 °C
44
86
TA = 105 °C
49.5
100
TA = 125 °C
60
120
1. Guaranteed by characterization results at 125 °C, unless otherwise specified.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com