Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32L063C8 Datasheet(PDF) 59 Page - STMicroelectronics

Part # STM32L063C8
Description  Ultra-low-power platform
PDF  121 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L063C8 Datasheet(HTML) 59 Page - STMicroelectronics

Back Button STM32L063C8 Datasheet HTML 55Page - STMicroelectronics STM32L063C8 Datasheet HTML 56Page - STMicroelectronics STM32L063C8 Datasheet HTML 57Page - STMicroelectronics STM32L063C8 Datasheet HTML 58Page - STMicroelectronics STM32L063C8 Datasheet HTML 59Page - STMicroelectronics STM32L063C8 Datasheet HTML 60Page - STMicroelectronics STM32L063C8 Datasheet HTML 61Page - STMicroelectronics STM32L063C8 Datasheet HTML 62Page - STMicroelectronics STM32L063C8 Datasheet HTML 63Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 121 page
background image
DocID025660 Rev 6
59/121
STM32L063x8
Electrical characteristics
107
Table 28. Current consumption in Run mode, code with data processing running from Flash
Symbol
Parameter
Conditions
fHCLK
Typ
Max(1)
Unit
IDD
(Run
from
Flash)
Supply
current in
Run mode,
code
executed
from Flash
fHSE = fHCLK up to
16 MHz included,
fHSE = fHCLK/2 above
16 MHz (PLL on)(2)
Range 3, VCORE=1.2 V
VOS[1:0]=11
1 MHz
165
230
µA
2 MHz
290
360
4 MHz
555
630
Range 2, VCORE=1.5 V,
VOS[1:0]=10,
4 MHz
0.665
0.74
mA
8 MHz
1.3
1.4
16 MHz
2.6
2.8
Range 1, VCORE=1.8 V,
VOS[1:0]=01
8 MHz
1.55
1.7
16 MHz
3.1
3.4
32 MHz
6.3
6.8
MSI clock
Range 3, VCORE=1.2 V,
VOS[1:0]=11
65 kHz
36.5
110
µA
524 kHz
99.5
190
4.2 MHz
620
700
HSI clock
Range 2, VCORE=1.5 V,
VOS[1:0]=10,
16 MHz
2.6
2.9
mA
Range 1, VCORE=1.8 V,
VOS[1:0]=01
32 MHz
6.25
7
1. Guaranteed by characterization results at 125 °C, unless otherwise specified.
2. Oscillator bypassed (HSEBYP = 1 in RCC_CR register).
Table 29. Current consumption in Run mode vs code type,
code with data processing running from Flash
Symbol
Parameter
Conditions
fHCLK
Typ
Unit
IDD
(Run
from
Flash)
Supply
current in
Run mode,
code
executed
from Flash
fHSE = fHCLK up to
16 MHz included,
fHSE = fHCLK/2 above
16 MHz (PLL on)(1)
Range 3,
VCORE=1.2 V,
VOS[1:0]=11
Dhrystone
4 MHz
555
µA
CoreMark
585
Fibonacci
440
while(1)
355
while(1), prefetch
off
353
Range 1,
VCORE=1.8 V,
VOS[1:0]=01
Dhrystone
32 MHz
6.3
mA
CoreMark
6.3
Fibonacci
6.55
while(1)
5.4
while(1), prefetch
off
5.2
1. Oscillator bypassed (HSEBYP = 1 in RCC_CR register).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com