Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32L063C8 Datasheet(PDF) 31 Page - STMicroelectronics

Part # STM32L063C8
Description  Ultra-low-power platform
PDF  121 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L063C8 Datasheet(HTML) 31 Page - STMicroelectronics

Back Button STM32L063C8 Datasheet HTML 27Page - STMicroelectronics STM32L063C8 Datasheet HTML 28Page - STMicroelectronics STM32L063C8 Datasheet HTML 29Page - STMicroelectronics STM32L063C8 Datasheet HTML 30Page - STMicroelectronics STM32L063C8 Datasheet HTML 31Page - STMicroelectronics STM32L063C8 Datasheet HTML 32Page - STMicroelectronics STM32L063C8 Datasheet HTML 33Page - STMicroelectronics STM32L063C8 Datasheet HTML 34Page - STMicroelectronics STM32L063C8 Datasheet HTML 35Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 121 page
background image
DocID025660 Rev 6
31/121
STM32L063x8
Functional overview
36
3.18
AES
The AES Hardware Accelerator can be used to encrypt and decrypt data using the AES
algorithm (compatible with FIPS PUB 197, 2001 Nov 26).
Key scheduler
Key derivation for decryption
128-bit data block processed
128-bit key length
213 clock cycles to encrypt/decrypt one 128-bit block
Electronic codebook (ECB), cypher block chaining (CBC), and counter mode (CTR)
supported by hardware.
The AES can be served by the DMA controller.
3.19
Timers and watchdogs
The ultra-low-power STM32L063x8 devices include three general-purpose timers, one low-
power timer (LPTIM), one basic timer, two watchdog timers and the SysTick timer.
Table 9 compares the features of the general-purpose and basic timers.
3.19.1
General-purpose timers (TIM2, TIM21 and TIM22)
There are three synchronizable general-purpose timers embedded in the STM32L063x8
devices (see Table 9 for differences).
TIM2
TIM2 is based on 16-bit auto-reload up/down counter. It includes a 16-bit prescaler. It
features four independent channels each for input capture/output compare, PWM or one-
pulse mode output.
The TIM2 general-purpose timers can work together or with the TIM21 and TIM22 general-
purpose timers via the Timer Link feature for synchronization or event chaining. Their
counter can be frozen in debug mode. Any of the general-purpose timers can be used to
generate PWM outputs.
TIM2 has independent DMA request generation.
Table 9. Timer feature comparison
Timer
Counter
resolution
Counter type
Prescaler factor
DMA
request
generation
Capture/compare
channels
Complementary
outputs
TIM2
16-bit
Up, down,
up/down
Any integer between
1 and 65536
Yes
4
No
TIM21,
TIM22
16-bit
Up, down,
up/down
Any integer between
1 and 65536
No
2
No
TIM6
16-bit
Up
Any integer between
1 and 65536
Yes
0
No



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com