Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32L063C8 Datasheet(PDF) 107 Page - STMicroelectronics

Part # STM32L063C8
Description  Ultra-low-power platform
PDF  121 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L063C8 Datasheet(HTML) 107 Page - STMicroelectronics

Back Button STM32L063C8 Datasheet HTML 103Page - STMicroelectronics STM32L063C8 Datasheet HTML 104Page - STMicroelectronics STM32L063C8 Datasheet HTML 105Page - STMicroelectronics STM32L063C8 Datasheet HTML 106Page - STMicroelectronics STM32L063C8 Datasheet HTML 107Page - STMicroelectronics STM32L063C8 Datasheet HTML 108Page - STMicroelectronics STM32L063C8 Datasheet HTML 109Page - STMicroelectronics STM32L063C8 Datasheet HTML 110Page - STMicroelectronics STM32L063C8 Datasheet HTML 111Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 107 / 121 page
background image
DocID025660 Rev 6
107/121
STM32L063x8
Electrical characteristics
107
ILCD(1)
Supply current at VDD = 2.2 V
-
3.3
-
µA
Supply current at VDD = 3.0 V
-
3.1
-
RHtot(2)
Low drive resistive network overall value
5.28
6.6
7.92
M
RL(2)
High drive resistive network total value
192
240
288
k
V44
Segment/Common highest level voltage
-
-
VLCD
V
V34
Segment/Common 3/4 level voltage
-
3/4 VLCD
-
V
V23
Segment/Common 2/3 level voltage
-
2/3 VLCD
-
V12
Segment/Common 1/2 level voltage
-
1/2 VLCD
-
V13
Segment/Common 1/3 level voltage
-
1/3 VLCD
-
V14
Segment/Common 1/4 level voltage
-
1/4 VLCD
-
V0
Segment/Common lowest level voltage
0
-
-
Vxx(3)
Segment/Common level voltage error
TA = -40 to 85 C
--
50
mV
1. LCD enabled with 3 V internal step-up active, 1/8 duty, 1/4 bias, division ratio= 64, all pixels active, no LCD
connected.
2. Guaranteed by design.
3. Guaranteed by characterization results.
Table 80. LCD controller characteristics (continued)
Symbol
Parameter
Min
Typ
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com