Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32L151XE Datasheet(PDF) 70 Page - STMicroelectronics

Part # STM32L151XE
Description  Ultra-low-power platform
PDF  134 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L151XE Datasheet(HTML) 70 Page - STMicroelectronics

Back Button STM32L151XE Datasheet HTML 66Page - STMicroelectronics STM32L151XE Datasheet HTML 67Page - STMicroelectronics STM32L151XE Datasheet HTML 68Page - STMicroelectronics STM32L151XE Datasheet HTML 69Page - STMicroelectronics STM32L151XE Datasheet HTML 70Page - STMicroelectronics STM32L151XE Datasheet HTML 71Page - STMicroelectronics STM32L151XE Datasheet HTML 72Page - STMicroelectronics STM32L151XE Datasheet HTML 73Page - STMicroelectronics STM32L151XE Datasheet HTML 74Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 134 page
background image
Electrical characteristics
STM32L151xE STM32L152xE
70/134
DocID025433 Rev 8
Table 22. Typical and maximum current consumptions in Stop mode
Symbol
Parameter
Conditions
Typ
Max(1) Unit
IDD (Stop
with RTC)
Supply current in
Stop mode with RTC
enabled
RTC clocked by LSI
or LSE external clock
(32.768kHz),
regulator in LP mode,
HSI and HSE OFF
(no independent
watchdog)
LCD
OFF
TA = -40°C to 25°C
VDD = 1.8 V
1.18
-
µA
TA = -40°C to 25°C
1.4
4
TA = 55°C
3.02
6
TA= 85°C
7.44
11
TA = 105°C
15.5
27
LCD
ON
(static
duty)(2)
TA = -40°C to 25°C
1.5
6
TA = 55°C
4.65
7
TA= 85°C
9.07
13
TA = 105°C
15.6
31
LCD
ON (1/8
duty)(3)
TA = -40°C to 25°C
3.9
10
TA = 55°C
5.19
11
TA= 85°C
9.8
17
TA = 105°C
18.4
48
RTC clocked by LSE
external quartz
(32.768kHz),
regulator in LP mode,
HSI and HSE OFF
(no independent
watchdog(4)
LCD
OFF
TA = -40°C to 25°C
1.65
-
TA = 55°C
3.32
-
TA= 85°C
7.83
-
TA = 105°C
16
-
LCD
ON
(static
duty)(2)
TA = -40°C to 25°C
1.75
-
TA = 55°C
4.9
-
TA= 85°C
9.41
-
TA = 105°C
15.8
-
LCD
ON (1/8
duty)(3)
TA = -40°C to 25°C
4.1
-
TA = 55°C
5.53
-
TA= 85°C
10
-
TA = 105°C
18.5
-
LCD
OFF
TA = -40°C to 25°C
VDD = 1.8V
1.33
-
TA = -40°C to 25°C
VDD = 3.0V
1.62
-
TA = -40°C to 25°C
VDD = 3.6V
1.87
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com