Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32L151XE Datasheet(PDF) 73 Page - STMicroelectronics

Part # STM32L151XE
Description  Ultra-low-power platform
PDF  134 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L151XE Datasheet(HTML) 73 Page - STMicroelectronics

Back Button STM32L151XE Datasheet HTML 69Page - STMicroelectronics STM32L151XE Datasheet HTML 70Page - STMicroelectronics STM32L151XE Datasheet HTML 71Page - STMicroelectronics STM32L151XE Datasheet HTML 72Page - STMicroelectronics STM32L151XE Datasheet HTML 73Page - STMicroelectronics STM32L151XE Datasheet HTML 74Page - STMicroelectronics STM32L151XE Datasheet HTML 75Page - STMicroelectronics STM32L151XE Datasheet HTML 76Page - STMicroelectronics STM32L151XE Datasheet HTML 77Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 134 page
background image
DocID025433 Rev 8
73/134
STM32L151xE STM32L152xE
Electrical characteristics
113
Table 24. Peripheral current consumption(1)
Peripheral
Typical consumption, VDD = 3.0 V, TA = 25 °C
Unit
Range 1,
VCORE=
1.8 V
VOS[1:0] = 01
Range 2,
VCORE=
1.5 V
VOS[1:0] = 10
Range 3,
VCORE=
1.2 V
VOS[1:0] = 11
Low-power
sleep and run
APB1
TIM2
12.0
10.0
8.0
10.0
µA/MHz
(fHCLK)
TIM3
10.5
8.8
7.0
8.8
TIM4
10.4
8.8
7.0
8.8
TIM5
13.8
11.5
9.1
11.5
TIM6
3.9
3.0
2.5
3.0
TIM7
3.8
3.3
2.6
3.3
LCD
4.2
3.6
2.8
3.6
WWDG
2.9
2.5
2.1
2.5
SPI2
5.4
4.4
3.5
4.4
SPI3
5.5
4.6
3.7
4.6
USART2
7.6
6.2
4.9
6.2
USART3
7.6
6.2
5.0
6.2
USART4
7.3
6.1
4.8
6.1
USART5
7.6
6.3
5.0
6.3
I2C1
7.3
6.1
4.8
6.1
I2C2
7.2
5.9
4.7
5.9
USB
13.0
11.2
8.9
11.2
PWR
2.6
2.3
1.9
2.3
DAC
5.9
5.0
4.0
5.0
COMP
3.9
3.3
2.6
3.3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com