Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32L151XE Datasheet(PDF) 127 Page - STMicroelectronics

Part # STM32L151XE
Description  Ultra-low-power platform
PDF  134 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L151XE Datasheet(HTML) 127 Page - STMicroelectronics

Back Button STM32L151XE Datasheet HTML 123Page - STMicroelectronics STM32L151XE Datasheet HTML 124Page - STMicroelectronics STM32L151XE Datasheet HTML 125Page - STMicroelectronics STM32L151XE Datasheet HTML 126Page - STMicroelectronics STM32L151XE Datasheet HTML 127Page - STMicroelectronics STM32L151XE Datasheet HTML 128Page - STMicroelectronics STM32L151XE Datasheet HTML 129Page - STMicroelectronics STM32L151XE Datasheet HTML 130Page - STMicroelectronics STM32L151XE Datasheet HTML 131Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 127 / 134 page
background image
DocID025433 Rev 8
127/134
STM32L151xE STM32L152xE
Package information
133
Figure 44. WLCSP104, 0.4 mm pitch wafer level chip scale package recommended
footprint
Table 69. WLCSP104, 0.4 mm pitch wafer level chip scale package mechanical data
Symbol
millimeters
inches(1)
1. Values in inches are converted from mm and rounded to 4 decimal digits.
Min
Typ
Max
Min
Typ
Max
A
0.525
0.555
0.585
0.0207
0.0219
0.023
A1
-
0.175
-
-
0.0069
-
A2
-
0.38
-
-
0.015
-
A3(2)
2. Back side coating.
-
0.025
-
-
0.001
-
ø b(3)
3. Dimension is measured at the maximum bump diameter parallel to primary datum Z.
0.22
0.25
0.28
0.0087
0.0098
0.011
D
4.06
4.095
4.13
0.1598
0.1612
0.1626
E
5.059
5.094
5.129
0.1992
0.2006
0.2019
e
-
0.4
-
-
0.0157
-
e1
-
3.2
-
-
0.126
-
e2
-
4.4
-
-
0.1732
-
F
-
0.447
-
-
0.0176
-
G
-
0.347
-
-
0.0137
-
aaa
-
-
0.1
-
-
0.0039
bbb
-
-
0.1
-
-
0.0039
ccc
-
-
0.1
-
-
0.0039
ddd
-
-
0.05
-
-
0.002
eee
-
-
0.05
-
-
0.002



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com