Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32L162RC Datasheet(PDF) 56 Page - STMicroelectronics

Part # STM32L162RC
Description  Ultra-low-power platform
PDF  123 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L162RC Datasheet(HTML) 56 Page - STMicroelectronics

Back Button STM32L162RC Datasheet HTML 52Page - STMicroelectronics STM32L162RC Datasheet HTML 53Page - STMicroelectronics STM32L162RC Datasheet HTML 54Page - STMicroelectronics STM32L162RC Datasheet HTML 55Page - STMicroelectronics STM32L162RC Datasheet HTML 56Page - STMicroelectronics STM32L162RC Datasheet HTML 57Page - STMicroelectronics STM32L162RC Datasheet HTML 58Page - STMicroelectronics STM32L162RC Datasheet HTML 59Page - STMicroelectronics STM32L162RC Datasheet HTML 60Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 123 page
background image
Electrical characteristics
STM32L162VC, STM32L162RC
56/123
DocID022881 Rev 10
Table 18. Current consumption in Run mode, code with data processing running from Flash
Symbol
Parameter
Conditions
fHCLK
Typ
Max(1)
Unit
IDD
(Run
from
Flash)
Supply
current in
Run mode,
code
executed
from Flash
fHSE = fHCLK up to 16
MHz included, fHSE =
fHCLK/2 above 16 MHz
(PLL ON)(2)
Range 3, VCORE=1.2 V
VOS[1:0] = 11
1 MHz
215
400
µA
2 MHz
400
600
4 MHz
725
960
Range 2, VCORE=1.5 V
VOS[1:0] = 10
4 MHz
0.915
1.1
mA
8 MHz
1.75
2.1
16 MHz
3.4
3.9
Range 1, VCORE=1.8 V
VOS[1:0] = 01
8 MHz
2.1
2.8
16 MHz
4.2
4.9
32 MHz
8.25
9.4
HSI clock source (16
MHz)
Range 2, VCORE=1.5 V
VOS[1:0] = 10
16 MHz
3.5
4
Range 1, VCORE=1.8 V
VOS[1:0] = 01
32 MHz
8.2
9.6
MSI clock, 65 kHz
Range 3, VCORE=1.2 V
VOS[1:0] = 11
65 kHz
40.5
110
µA
MSI clock, 524 kHz
524 kHz
125
190
MSI clock, 4.2 MHz
4.2 MHz
775
900
1. Guaranteed by characterization results, unless otherwise specified.
2. Oscillator bypassed (HSEBYP = 1 in RCC_CR register).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com