Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32L162RC Datasheet(PDF) 64 Page - STMicroelectronics

Part # STM32L162RC
Description  Ultra-low-power platform
PDF  123 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L162RC Datasheet(HTML) 64 Page - STMicroelectronics

Back Button STM32L162RC Datasheet HTML 60Page - STMicroelectronics STM32L162RC Datasheet HTML 61Page - STMicroelectronics STM32L162RC Datasheet HTML 62Page - STMicroelectronics STM32L162RC Datasheet HTML 63Page - STMicroelectronics STM32L162RC Datasheet HTML 64Page - STMicroelectronics STM32L162RC Datasheet HTML 65Page - STMicroelectronics STM32L162RC Datasheet HTML 66Page - STMicroelectronics STM32L162RC Datasheet HTML 67Page - STMicroelectronics STM32L162RC Datasheet HTML 68Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 123 page
background image
Electrical characteristics
STM32L162VC, STM32L162RC
64/123
DocID022881 Rev 10
Table 25. Peripheral current consumption(1)
Peripheral
Typical consumption, VDD = 3.0 V, TA = 25 °C
Unit
Range 1,
VCORE=
1.8 V
VOS[1:0] =
01
Range 2,
VCORE=
1.5 V
VOS[1:0] =
10
Range 3,
VCORE=
1.2 V
VOS[1:0] =
11
Low-power
sleep and
run
APB1
TIM2
11.2
8.9
7.0
8.9
µA/MHz
(fHCLK)
TIM3
11.2
9.0
7.1
9.0
TIM4
12.9
10.4
8.2
10.4
TIM5
14.4
11.5
9.0
11.5
TIM6
4.0
3.1
2.4
3.1
TIM7
3.8
3.0
2.3
3.0
LCD
5.8
4.6
3.6
4.6
WWDG
2.9
2.3
1.8
2.3
SPI2
6.5
5.2
4.1
5.2
SPI3
5.9
4.6
3.6
4.6
USART2
8.8
7.0
5.5
7.0
USART3
8.4
6.8
5.3
6.8
I2C1
7.3
5.8
4.6
5.8
I2C2
7.9
6.3
5.0
6.3
USB
13.3
10.6
8.3
10.6
PWR
2.8
2.2
1.8
2.2
DAC
6.1
4.9
3.9
4.9
COMP
4.8
3.8
3.0
3.8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com