Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32F779IIY6 Datasheet(PDF) 132 Page - STMicroelectronics

Part # STM32F779IIY6
Description  Dual mode Quad-SPI
PDF  255 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F779IIY6 Datasheet(HTML) 132 Page - STMicroelectronics

Back Button STM32F779IIY6 Datasheet HTML 128Page - STMicroelectronics STM32F779IIY6 Datasheet HTML 129Page - STMicroelectronics STM32F779IIY6 Datasheet HTML 130Page - STMicroelectronics STM32F779IIY6 Datasheet HTML 131Page - STMicroelectronics STM32F779IIY6 Datasheet HTML 132Page - STMicroelectronics STM32F779IIY6 Datasheet HTML 133Page - STMicroelectronics STM32F779IIY6 Datasheet HTML 134Page - STMicroelectronics STM32F779IIY6 Datasheet HTML 135Page - STMicroelectronics STM32F779IIY6 Datasheet HTML 136Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 132 / 255 page
background image
Electrical characteristics
STM32F777xx STM32F778Ax STM32F779xx
132/255
DocID028294 Rev 4
Table 36. Typical and maximum current consumptions in Standby mode
Symbol
Parameter
Conditions
Typ(1)
Max(2)
Unit
TA = 25 °C
TA =
25 °C
TA =
85 °C
TA =
105 °C
VDD =
1.7 V
VDD=
2.4 V
VDD =
3.3 V
VDD = 3.3 V
IDD_STBY
Supply current
in Standby
mode
Backup SRAM OFF, RTC and
LSE OFF
1.1
1.9
2.4
5(3)
18(3)
38(3)
μA
Backup SRAM ON, RTC and
LSE OFF
1.9
2.7
3.2
6(3)
23(3)
48(3)
Backup SRAM OFF, RTC ON
and LSE in low drive mode
1.7
2.7
3.5
7
26
55
Backup SRAM OFF, RTC ON
and LSE in medium low drive
mode
1.7
2.7
3.5
7
26
56
Backup SRAM OFF, RTC ON
and LSE in medium high drive
mode
1.8
2.8
3.6
8
28
57
Backup SRAM OFF, RTC ON
and LSE in high drive mode
1.9
2.9
3.7
8
28
59
Backup SRAM ON, RTC ON
and LSE in low drive mode
2.4
3.4
4.3
8
31
65
Backup SRAM ON, RTC ON
and LSE in Medium low drive
mode
2.4
3.5
4.3
8
31
65
Backup SRAM ON, RTC ON
and LSE in Medium high drive
mode
2.6
3.7
4.5
8
33
68
Backup SRAM ON, RTC ON
and LSE in High drive mode
2.6
3.7
4.5
9
33
68
1. The typical current consumption values are given with PDR OFF (internal reset OFF). When the PDR is OFF (internal reset
OFF), the typical current consumption is reduced by additional 1.2 μA.
2. Guaranteed by characterization results, unless otherwise specified.
3. Guaranteed by test in production.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com