Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32F779IIY6 Datasheet(PDF) 136 Page - STMicroelectronics

Part # STM32F779IIY6
Description  Dual mode Quad-SPI
PDF  255 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F779IIY6 Datasheet(HTML) 136 Page - STMicroelectronics

Back Button STM32F779IIY6 Datasheet HTML 132Page - STMicroelectronics STM32F779IIY6 Datasheet HTML 133Page - STMicroelectronics STM32F779IIY6 Datasheet HTML 134Page - STMicroelectronics STM32F779IIY6 Datasheet HTML 135Page - STMicroelectronics STM32F779IIY6 Datasheet HTML 136Page - STMicroelectronics STM32F779IIY6 Datasheet HTML 137Page - STMicroelectronics STM32F779IIY6 Datasheet HTML 138Page - STMicroelectronics STM32F779IIY6 Datasheet HTML 139Page - STMicroelectronics STM32F779IIY6 Datasheet HTML 140Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 136 / 255 page
background image
Electrical characteristics
STM32F777xx STM32F778Ax STM32F779xx
136/255
DocID028294 Rev 4
Table 39. Peripheral current consumption
Peripheral
IDD(Typ)(1)
Unit
Scale 1
Scale 2
Scale 3
AHB1
(up to
216 MHz)
GPIOA
2.9
2.8
2.2
μA/MHz
GPIOB
3.0
2.9
2.2
GPIOC
2.9
2.8
2.2
GPIOD
3.1
3.0
2.3
GPIOE
3.1
3.0
2.3
GPIOF
2.9
2.8
2.2
GPIOG
2.9
2.8
2.2
GPIOH
3.1
3.1
2.4
GPIOI
3.0
2.9
2.2
GPIOJ
2.9
2.9
2.2
GPIOK
2.8
2.8
2.4
CRC
1.0
0.9
0.8
BKPSRAM
0.9
0.9
0.7
DMA1
3.17 x N + 11.63 3.08 x N + 11.39
2.6 x N + 9.64
DMA2
3.33 x N + 12.84 3.27 x N + 11.84 2.75 x N + 10.10
DMA2D
77.7
76.3
63.5
ETH_MAC
ETH_MAC_TX
ETH_MAC_RX
ETH_MAC_PTP
40.1
39.5
32.8
OTG_HS
58.5
57.4
48.1
OTG_HS+ULPI
58.5
57.4
48.1
AHB2
(up to
216 MHz)
DCMI
2.9
2.8
2.1
μA/MHz
JPEG
74.8
73.4
61.9
CRYP
1.9
1.7
1.4
HASH
4.5
4.4
3.6
RNG
6.7
6.7
5.4
USB_OTG_FS
32.4
31.9
26.7
AHB3
(up to
216 MHz)
FMC
18.6
18.2
15.1
μA/MHz
QSPI
22.3
21.8
18.1
Bus matrix(2)
3.94
3.25
2.12
μA/MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com