Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32F779IIY6 Datasheet(PDF) 138 Page - STMicroelectronics

Part # STM32F779IIY6
Description  Dual mode Quad-SPI
PDF  255 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F779IIY6 Datasheet(HTML) 138 Page - STMicroelectronics

Back Button STM32F779IIY6 Datasheet HTML 134Page - STMicroelectronics STM32F779IIY6 Datasheet HTML 135Page - STMicroelectronics STM32F779IIY6 Datasheet HTML 136Page - STMicroelectronics STM32F779IIY6 Datasheet HTML 137Page - STMicroelectronics STM32F779IIY6 Datasheet HTML 138Page - STMicroelectronics STM32F779IIY6 Datasheet HTML 139Page - STMicroelectronics STM32F779IIY6 Datasheet HTML 140Page - STMicroelectronics STM32F779IIY6 Datasheet HTML 141Page - STMicroelectronics STM32F779IIY6 Datasheet HTML 142Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 138 / 255 page
background image
Electrical characteristics
STM32F777xx STM32F778Ax STM32F779xx
138/255
DocID028294 Rev 4
APB2
(up to
108 MHz)
TIM1
24.1
23.8
19.6
μA/MHz
TIM8
24.5
24.2
20.0
USART1
17.7
17.4
14.3
USART6
11.9
11.8
9.4
ADC1(5)
4.5
4.7
3.5
ADC2(5)
4.5
4.7
3.3
ADC3(5)
4.5
4.6
3.3
SDMMC1
8.4
8.3
6.9
SDMMC2
8.2
8.2
6.4
SPI1/I2S1(3)
3.9
3.6
3.1
SPI4
3.9
3.6
3.1
SYSCFG
2.5
2.2
1.9
TIM9
8.0
8.0
6.2
TIM10
5.0
5.1
3.7
TIM11
6.9
6.9
5.3
SPI5
2.7
2.8
1.8
SPI6
3.1
3.2
2.2
SAI1
3.2
3.3
2.2
DFSDM1
10.9
10.7
9.0
SAI2
3.9
3.9
2.8
MDIO
7.1
7.0
5.8
LTDC
51.2
50.3
41.8
DSI
8.5
8.4
8.1
1. When the I/O compensation cell is ON, IDD typical value increases by 0.22 mA.
2. The BusMatrix is automatically active when at least one master is ON.
3. To enable an I2S peripheral, first set the I2SMOD bit and then the I2SE bit in the SPI_I2SCFGR register.
4. When the DAC is ON and EN1/2 bits are set in DAC_CR register, add an additional power consumption of
0.75 mA per DAC channel for the analog part.
5. When the ADC is ON (ADON bit set in the ADC_CR2 register), add an additional power consumption of
1.73 mA per ADC for the analog part.
Table 39. Peripheral current consumption (continued)
Peripheral
IDD(Typ)(1)
Unit
Scale 1
Scale 2
Scale 3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com